Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPE633-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TMPE633-DOC
Description  Reconfigurable FPGA with Digital I/O PCIe Mini Card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TMPE633-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TMPE633-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TMPE633-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TMPE633-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.5
2018-01-25
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TA308 with TMPE633-12R & Platform Cable USB
TA309
Technical Information
 Form Factor: Full-Mini Card
 Board size: 50.95 mm x 30 mm
 PCI Express 1.1 compliant interface
 Xilinx XC6SLX25T-2 Spartan-6 User programmable
FPGA
 PCIe endpoint in FPGA
 64 Mbit SPI-EEPROM for FPGA configuration and
User Data
 Digital I/O
 26 ESD-protected 5 V-tolerant TTL lines with
programmable pull resistor (-10R)
 13 differential RS-485 lines (-11R)
 13 differential M-LVDS lines (-12R)
 Direction individually programmable
 I/O access
 30 pin Pico-Clasp latching connector
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TMPE633: 980.000 h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com