Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-5380G Datasheet (PDF) - Optoway Technology Inc

SPS-5380G Datasheet PDF - Optoway Technology Inc
Part # SPS-5380G
Download  SPS-5380G Download
File Size   148.8 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-5380G Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-5380G Datasheet PDF - Optoway Technology Inc

Part # SPS-5380G
Download  SPS-5380G Click to download

File Size   148.8 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-5380G Datasheet (HTML) - Optoway Technology Inc


SPS-5380G Product details

DESCRIPTION
The SPS-5380G series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as SONET OC-12 / SDH STM-4 and Fiber Channel. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm. The transmitter section uses a multiple quantum well 1550 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.

FEATURES
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Compliant with Long-Reach SONET OC-12 / SDH STM-4 (L-4.2)
● 1550 nm DFB LD Transmitter
● 26 dB Power Budget at Least
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70°C Operation: SPS-5380G
● -10 to 85°C Operation: SPS-5380BG
● -40 to 85°C Operation: SPS-5380AG
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● ATM Switches and Routers
● SONET / SDH Switch Infrastructure
● XDSL Applications
● Metro Edge Switching




Similar Part No. - SPS-5380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5380G OPTOWAY-SPS-5380G Datasheet
147Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_08 Datasheet
147Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G_2015 OPTOWAY-SPS-5380G_2015 Datasheet
147Kb / 5P
622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-5380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5380WG OPTOWAY-SPS-5380WG Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160WG OPTOWAY-SPS-53160WG Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_08 Datasheet
147Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160WG OPTOWAY-SPS-53160WG_08 Datasheet
149Kb / 5P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200G OPTOWAY-SPS-53200G Datasheet
147Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200WG OPTOWAY-SPS-53200WG Datasheet
148Kb / 5P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com