Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-53200G Datasheet (PDF) - Optoway Technology Inc

SPS-53200G Datasheet PDF - Optoway Technology Inc
Part # SPS-53200G
Download  SPS-53200G Download
File Size   147.93 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-53200G Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-53200G Datasheet PDF - Optoway Technology Inc

Part # SPS-53200G
Download  SPS-53200G Click to download

File Size   147.93 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-53200G Datasheet (HTML) - Optoway Technology Inc


SPS-53200G Product details

DESCRIPTION

The SPS-53200G series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as SONET OC-12 / SDH STM-4 and Fiber Channel. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm. A guaranteed minimum optical link budget of 41 dB is offered which can correspond to a link distance of over 200 km (assuming worst case fiber loss of 0.19 dB/km). The transmitter section uses a multiple quantum well 1550 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs Avalanche photodetector preamplifier mounted in an optical header and a limiting post-amplifier IC.



FEATURES

• Hot-Pluggable SFP Footprint LC Optical Transceiver

• Small Form-Factor Pluggable (SFP) MSA Compatible

• Compliant with Long-Reach SONET OC-12 / SDH STM-4

• 1550 nm DFB LD Transmitter

• APD High Sensitivity Reciever

• 41 dB Power Budget at Least

• Distance up to 200 km

• AC/AC Coupling according to MSA

• Single +3.3 V Power Supply

• RoHS Compliant

• 0 to 70°C Operation: SPS-53200G

• -10 to 85°C Operation: SPS-53200BG

• Class 1 Laser International Safety Standard IEC-60825 Compliant



APPLICATIONS

• ATM Switches and Routers

• SONET / SDH Switch Infrastructure

• XDSL Applications

• Metro Edge Switching



 




Similar Part No. - SPS-53200G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-53200G OPTOWAY-SPS-53200G_15 Datasheet
152Kb / 5P
622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200G_2015 OPTOWAY-SPS-53200G_2015 Datasheet
152Kb / 5P
622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-53200G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5380G OPTOWAY-SPS-5380G Datasheet
148Kb / 4P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380WG OPTOWAY-SPS-5380WG Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160WG OPTOWAY-SPS-53160WG Datasheet
149Kb / 4P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_08 Datasheet
147Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160WG OPTOWAY-SPS-53160WG_08 Datasheet
149Kb / 5P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200WG OPTOWAY-SPS-53200WG Datasheet
148Kb / 5P
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com