Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD-8329 Datasheet (PDF) - SOVICO corp.

IPD-8329 Datasheet PDF - SOVICO corp.
Part # IPD-8329
Download  IPD-8329 Download
File Size   1158.0 Kbytes
Page   1 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description POWER DISTRIBUTOR

IPD-8329 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPD-8329 Datasheet PDF - SOVICO corp.

Part # IPD-8329
Download  IPD-8329 Click to download

File Size   1158.0 Kbytes
Page   1 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description POWER DISTRIBUTOR

IPD-8329 Datasheet (HTML) - SOVICO corp.


IPD-8329 Product details

• Controlling rack system power
• Support AC and DC 24V power supply to operate of related devices
• Battery input function to operate a system in power failure
• DC terminals for each amplier which able to connect with 9 ampliers
• Easy checking visually with LED segment
• Sequence power control (Group ON/OFF)




Similar Part No. - IPD-8329

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD020N03LF2S INFINEON-IPD020N03LF2S Datasheet
946Kb / 13P
MOSFET StrongIRFET™ 2 PowerTransistor, 30 V
Revision 1.0 2024-09-20
IPD020N03LF2SATMA1 INFINEON-IPD020N03LF2SATMA1 Datasheet
946Kb / 13P
MOSFET StrongIRFET™ 2 PowerTransistor, 30 V
Revision 1.0 2024-09-20
IPD023N03LF2S INFINEON-IPD023N03LF2S Datasheet
948Kb / 13P
MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
Revision 1.0 2024-09-20
IPD023N04NF2S INFINEON-IPD023N04NF2S Datasheet
1,001Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.1, 2022-09-20
IPD025N06N INFINEON-IPD025N06N Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
More results


Similar Description - IPD-8329

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
611M MALLORY-611M Datasheet
69Kb / 1P
ELECTRONIC DISTRIBUTOR WITH POWER CELL
1214M MALLORY-1214M Datasheet
193Kb / 12P
DISTRIBUTOR
logo
Fuji Electric
EDS9-48A FUJI-EDS9-48A Datasheet
48Kb / 2P
OPTICAL DISTRIBUTOR
EDS13-8C FUJI-EDS13-8C Datasheet
168Kb / 4P
DISTRIBUTOR
logo
Mallory performance clu...
611M MALLORY-611M_14 Datasheet
69Kb / 1P
DISTRIBUTOR WITH POWER CELL
3757901 MALLORY-3757901 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
4756701 MALLORY-4756701 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
logo
Festo Corporation.
6847 FESTO-6847 Datasheet
77Kb / 1P
Distributor
6848 FESTO-6848 Datasheet
77Kb / 1P
Distributor
6849 FESTO-6849 Datasheet
72Kb / 1P
Distributor endpiece
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com