Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-7380AG Datasheet (PDF) - Optoway Technology Inc

SPS-7380AG Datasheet PDF - Optoway Technology Inc
Part # SPS-7380AG
Download  SPS-7380AG Download
File Size   149.43 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-7380AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-7380AG Datasheet PDF - Optoway Technology Inc

Part # SPS-7380AG
Download  SPS-7380AG Click to download

File Size   149.43 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-7380AG Datasheet (HTML) - Optoway Technology Inc


SPS-7380AG Product details

DESCRIPTION

The  SPS- 7380G  series  single  mode  transceivers  is  small form  factor  pluggable  module  for  bi-directional   serial optical  data  communications  such  as  Gigabit  Ethernet 1000BASE-ZX  and  Fibre  Channel 1x  SM-LC-L   FC-PI.  It  is with  the SFP 20- pin connector to allow hot  plug capability.



FEATURES

l  Hot-Pl uggabl e SFP Foot pri nt  LC Opti cal Transceiver

l  Small Form-Factor Pluggable (SFP) MSA  compatible

l  Compl iant with IEEE  802. 3z 1000BASE-ZX

l  Compl iant with  Fibre Channel  1x  SM-LC-L FC-PI

l  AC/AC Coupling  according t o MSA

l  1550 nm DFB LD Transmi tter

l  Di stance  up to 80  km

l  Si ngle +3. 3 V Power Supply

l  RoHS Compl iant

l  0 t o  70oC Operation: SPS-7380G

l  -10 t o  85oC Operation: SPS-7380BG

l  -40 t o  85oC Operation: SPS-7380AG

l  Cl ass 1 Laser Internati onal  Safet y  Standard IEC-60825 Compl iant



APPLICATIONS

l  Gi gabi t Ethernet Switches  and Routers

l  Fi bre Channel Switch Inf rastructure

l  XDSL Applicat ions

l  Metro Edge Switchi ng




Similar Part No. - SPS-7380AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7380AG OPTOWAY-SPS-7380AG Datasheet
148Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-7380AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7350G OPTOWAY-SPS-7350G Datasheet
148Kb / 4P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120G OPTOWAY-SPS-73120G Datasheet
148Kb / 4P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160G OPTOWAY-SPS-73160G Datasheet
148Kb / 4P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380G OPTOWAY-SPS-7380G_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120G OPTOWAY-SPS-73120G_08 Datasheet
147Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120WG OPTOWAY-SPS-73120WG_08 Datasheet
148Kb / 5P
3.3V / 1550 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160G OPTOWAY-SPS-73160G_08 Datasheet
147Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180G OPTOWAY-SPS-73180G Datasheet
146Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73200G OPTOWAY-SPS-73200G Datasheet
146Kb / 5P
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com