Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-8340G Datasheet (PDF) - Optoway Technology Inc

SPS-8340G Datasheet PDF - Optoway Technology Inc
Part # SPS-8340G
Download  SPS-8340G Download
File Size   144.21 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-8340G Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-8340G Datasheet PDF - Optoway Technology Inc

Part # SPS-8340G
Download  SPS-8340G Click to download

File Size   144.21 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-8340G Datasheet (HTML) - Optoway Technology Inc


SPS-8340G Product details

DESCRIPTION

The SPS-8340G series single mode transceiver is small form factor pluggable module for bi-directional serial optical dat a communicat ions such as 4x/2x/ 1x Fibre Channel and 1000BASE Ethernet . It is with t he SFP 20- pin connector to allow hot plug capability . This module is designed for single mode fiber and operates at a nominal wave length of 1550 nm. The transmitter secti on  uses  a 1550 nm multiple quantum well DFB laser and is a class 1 laser compliant according to International Safety  Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical  header and a limiting post-amplifier IC.



FEATURES

Up  to  4.25 Gbps Bi-directional Dat a Links

Hot-Pluggable SFP Footprint LC Optical Transceiver

Small Form-Factor Pl uggable(SFP) MSA compatible

Compliance with Fibre Channel FC-PI 400/ 200/ 100-SM-LC-L

1550 nm DFB LD Transmitter

18 dB Power Budget at Least

AC/AC Coupling according  to MSA

Up to  40 km Transmission

Single +3.3 V Power Supply

RoHS Compliant

0 to 70°C Operating : SPS-8340G

-10  to 85°C Operating : SPS-8340BG

Class  1 Laser International Safety  Standard IEC-60825 Compliant



 




Similar Part No. - SPS-8340G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-8340G OPTOWAY-SPS-8340G_15 Datasheet
148Kb / 5P
4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340G_2015 OPTOWAY-SPS-8340G_2015 Datasheet
148Kb / 5P
4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-8340G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-8340WG OPTOWAY-SPS-8340WG Datasheet
144Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380G OPTOWAY-SPS-8380G Datasheet
143Kb / 4P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380WG OPTOWAY-SPS-8380WG Datasheet
144Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100G OPTOWAY-SPS-83100G Datasheet
143Kb / 4P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100WG OPTOWAY-SPS-83100WG Datasheet
144Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8340WG OPTOWAY-TRSL-8340WG Datasheet
121Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8380WG OPTOWAY-TRSL-8380WG Datasheet
121Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-83120G OPTOWAY-SPS-83120G Datasheet
147Kb / 5P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100G OPTOWAY-SPS-83100G_07 Datasheet
147Kb / 5P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100WG OPTOWAY-SPS-83100WG_07 Datasheet
147Kb / 5P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com