Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-8380G Datasheet (PDF) - Optoway Technology Inc

SPS-8380G Datasheet PDF - Optoway Technology Inc
Part # SPS-8380G
Download  SPS-8380G Download
File Size   143.57 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-8380G Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-8380G Datasheet PDF - Optoway Technology Inc

Part # SPS-8380G
Download  SPS-8380G Click to download

File Size   143.57 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-8380G Datasheet (HTML) - Optoway Technology Inc


SPS-8380G Product details

DESCRIPTION
The SPS-8380G series single mode transceiver is small form factor pluggable module for bi-directional serial optical data communications such as 4x/2x/1x Fibre Channel and 1000BASE Ethernet. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm.

FEATURES
● Up to 4.25 Gbps Bi-directional Data Links
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Compliance with Fibre Channel FC-PI 400/200/100-SM-LC-L
● 1550 nm DFB LD Transmitter
● High Sensitivity APD Receiver
● 26 dB Power Budget at Least
● AC/AC Coupling according to MSA
● Up to 80 km Transmission
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70°C Operating
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● Tri-rate 1.063/2.125/4.25 Gb/s Fibre Channel
● 1.25 Gb/s 1000 BASE Ethernet




Similar Part No. - SPS-8380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-8380G OPTOWAY-SPS-8380G Datasheet
147Kb / 5P
4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380G OPTOWAY-SPS-8380G_15 Datasheet
147Kb / 5P
4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380G_2015 OPTOWAY-SPS-8380G_2015 Datasheet
147Kb / 5P
4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-8380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-8340G OPTOWAY-SPS-8340G Datasheet
144Kb / 4P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340WG OPTOWAY-SPS-8340WG Datasheet
144Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380WG OPTOWAY-SPS-8380WG Datasheet
144Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100G OPTOWAY-SPS-83100G Datasheet
143Kb / 4P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100WG OPTOWAY-SPS-83100WG Datasheet
144Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8340WG OPTOWAY-TRSL-8340WG Datasheet
121Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8380WG OPTOWAY-TRSL-8380WG Datasheet
121Kb / 4P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-83120G OPTOWAY-SPS-83120G Datasheet
147Kb / 5P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100G OPTOWAY-SPS-83100G_07 Datasheet
147Kb / 5P
3.3V / 1550 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100WG OPTOWAY-SPS-83100WG_07 Datasheet
147Kb / 5P
3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com