Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1818106 Datasheet (PDF) - PHOENIX CONTACT

1818106 Datasheet PDF - PHOENIX CONTACT
Part # 1818106
Download  1818106 Download
File Size   454.25 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/13-GF-3,5-LR - PCB header

1818106 Datasheet (PDF)

Go To PDF Page Download Datasheet
1818106 Datasheet PDF - PHOENIX CONTACT

Part # 1818106
Download  1818106 Click to download

File Size   454.25 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/13-GF-3,5-LR - PCB header

1818106 Datasheet (HTML) - PHOENIX CONTACT


1818106 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 13, number
of rows: 1, number of positions: 13, number of connections: 13, product range: MCV 1,5/..-GFLR,
pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Lock-and-release locking system, mounting method: Lock
& release threaded flange, type of packaging: packed in cardboard




Similar Part No. - 1818106

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1818119 PHOENIX-1818119 Datasheet
505Kb / 12P
MCV 1,5/14-GF-3,5-LR - PCB header
1818135 PHOENIX-1818135 Datasheet
454Kb / 10P
MCV 1,5/16-GF-3,5-LR - PCB header
1818148 PHOENIX-1818148 Datasheet
476Kb / 11P
MCV 1,5/17-GF-3,5-LR - PCB header
1818151 PHOENIX-1818151 Datasheet
475Kb / 11P
MCV 1,5/18-GF-3,5-LR - PCB header
1818164 PHOENIX-1818164 Datasheet
470Kb / 10P
MCV 1,5/19-GF-3,5-LR - PCB header
More results


Similar Description - 1818106

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843334 PHOENIX-1843334 Datasheet
184Kb / 9P
Feed-through header - MCV 1,5/13-GF-3,5
1817990 PHOENIX-1817990 Datasheet
151Kb / 8P
Feed-through header - MCV 1,5/ 2-GF-3,5-LR
1818067 PHOENIX-1818067 Datasheet
107Kb / 5P
Base strip - MCV 1,5/ 9-GF-3,5-LR
1817628 PHOENIX-1817628 Datasheet
651Kb / 15P
PCB header - MC 1,5/ 3-GF-3,5-LR
Jan 10, 2023
1817796 PHOENIX-1817796 Datasheet
613Kb / 14P
PCB header - MC 1,5/20-GF-3,5-LR
Jan 10, 2023
1843279 PHOENIX-1843279 Datasheet
473Kb / 12P
PCB header - MCV 1,5/ 7-GF-3,5
1843295 PHOENIX-1843295 Datasheet
473Kb / 12P
PCB header - MCV 1,5/ 9-GF-3,5
1843318 PHOENIX-1843318 Datasheet
456Kb / 12P
PCB header - MCV 1,5/11-GF-3,5
1843402 PHOENIX-1843402 Datasheet
413Kb / 11P
PCB header - MCV 1,5/20-GF-3,5
1818054 PHOENIX-1818054 Datasheet
519Kb / 12P
MCV 1,5/ 8-GF-3,5-LR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com