Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7147 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7147 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7147
Download  VSC7147 Download
File Size   109.52 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Hex PBC with Dual Repeater/Retimer

VSC7147 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7147 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7147
Download  VSC7147 Click to download

File Size   109.52 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Hex PBC with Dual Repeater/Retimer

VSC7147 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7147 Product details

GENERAL DESCRIPTION :
The VSC7147 expands Vitesses wide offering of Fibre Channel products with an IC for the growing 2.125Gb/s Fibre Channel storage market. The device features six Port Bypass Circuits (PBC) that support both 1.0625Gb/s and 2.125Gb/s Fibre Channel data rates. The VSC7147 enables Fibre Channel Disk Arrays, JBODs (Just a Bunch of Disks) and storage subsystem equipment designers to integrate more ports and disk drives and maintain consistently high signal quality using fewer components.

FEATURES :
► Industry’s first IC with six Port Bypass Circuits (PBC) supporting both 1.0625Gb/s and 2.125Gb/s Fibre Channel data rates – Dual mode provides flexibility by having one device for new and legacy designs
► Two FibreTimer™ Cells configurable as:
   - Repeaters for low latency
   - Retimers for true Fibre Channel Compliance
   - Reduces external retimer components, provides design flexibility by allowing mixing and matching of the functions for design optimization
► Digital design of the FibreTimers produce a device that is well controlled over voltage, process and temperature variations Provides a more robust and reliable design
► User-selectable, on-chip receive termination at either 100Ω or 150Ω
► Speed independent Tx and Rx paths aid in Fibre Channel Auto-Speed Negotiation – Allows the device to migrate as the specification evolves
► Device can be strapped for 1 or 2Gb/s operation – Supports dual speed storage applications
► World-class signal integrity for jitter compliance – Reduces debug and redesign efforts
► Two digital Signal Detect Units to detect the presence of valid Fibre Channel encoded serial data - Improves signal detect reliability
► User selectable Pre-Emphasis on all high-speed outputs - distorts outputs signal for improved signal driving over long trace and cable distances
► 106.25MHz reference clock
► 5V-tolerant LVTTL inputs – Provides design flexibility and backward compatibility
► Cable equalization on all high-speed inputs – Manages and corrects signal latency and distortion
► Single 2.5V supply - Reduces wiring complexity
► 100-pin, 14mm exposed pad TQFP package - Ideal for compact JBOD designs




Similar Part No. - VSC7147

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7140QJ VITESSE-VSC7140QJ Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
VSC7145RU-30 VITESSE-VSC7145RU-30 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
More results


Similar Description - VSC7147

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
VSC7128 VITESSE-VSC7128 Datasheet
92Kb / 10P
Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
logo
Broadcom Corporation.
BCM8422 BOARDCOM-BCM8422 Datasheet
162Kb / 2P
4-CHANNEL 1/2/4G FIBRE CHANNEL INTELLIGENT LOOP CIRCUIT/ DUAL RETIMER/REPEATER WITH EYEOPENER-R
logo
Siemens Semiconductor G...
PEB2050 SIEMENS-PEB2050 Datasheet
680Kb / 18P
Peripheral Board Controller(PBC)
logo
Vitesse Semiconductor C...
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC8228 VITESSE-VSC8228 Datasheet
231Kb / 2P
Dual Channel Multirate Signal Conditioner and Retimer
logo
Texas Instruments
DS100TB211 TI1-DS100TB211 Datasheet
310Kb / 5P
Low Power, Dual Lane Thunderbolt Retimer
logo
California Eastern Labs
THC63LVD1027 CEL-THC63LVD1027_15 Datasheet
946Kb / 24P
Dual Link LVDS Repeater
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
Dual Link LVDS Repeater
logo
Integrated Device Techn...
HXC42200 IDT-HXC42200 Datasheet
190Kb / 3P
28G ??Dual Channel CDR/Retimer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com