Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7128 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7128 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7128
Download  VSC7128 Download
File Size   92.74 Kbytes
Page   10 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays

VSC7128 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7128 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7128
Download  VSC7128 Click to download

File Size   92.74 Kbytes
Page   10 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays

VSC7128 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7128 Product details

General Description
The VSC7128 contains six Port Bypass Circuits (PBCs), dual embedded Clock Recovery Unit repeaters (CRU) and dual Signal Detect Units (SDU). These functions are integrated into a single part to minimize circuit size, part count, cost, high frequency routing and jitter accumulation. Together, they allow for optimized designs of FC-AL JBOD systems that provide resiliency and hot insertion/removal of disk drives. The PBCs configure the FC-AL loop to either include or exclude each drive.
   
Features
• Supports ANSI X3T11 1.0625Gb/s FC-AL Disk Attach for Resiliency
• Dual Repeaters (CRUs) Improve Signal Quality
• Six Port Bypass Circuits (PBCs) for Resiliency
• Dual Digital Signal Detect Units (SDUs)
• Fully Differential for Minimum Jitter
• Selectable REFCLK: 53.125 / 106.25MHz
• TTL Bypass Select
• 3.3V Supply, 1.3W
• 64-Pin, 14 mm Thermally Enhanced PQFP
   




Similar Part No. - VSC7128

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results


Similar Description - VSC7128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
PMC-Sierra, Inc
PM8379 PMC-PM8379 Datasheet
78Kb / 2P
20-Port 4.25 Gbit/s FC-AL Cut-Through Switch
logo
Vitesse Semiconductor C...
VSC7148 VITESSE-VSC7148 Datasheet
456Kb / 2P
16-Port JBOD Loop Chip for 1.0625 Gb/s FC-AL Storage Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Fuji Electric
EDS9-8I FUJI-EDS9-8I Datasheet
125Kb / 2P
FC SERIES REPEATER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com