Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7128 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7128
Description  Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7128 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7128 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
8/31/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7128
Hex Port Bypass Circuit / Dual Repeater
for 1.0625 Gb/s FC-AL Disk Arrays
G52177-0, Rev. 2.3
AC Characteristics
Figure 1: AC Timing Diagrams
Table 1: AC Characteristics (Over recommended operating conditions).
Parameters
Description
Min.
Max.
Units
Conditions
Differential Inputs/Outputs
Tp
Latency from IN, LSI to LSO,
OUT
0.25
7.0
ns
75 Ohm Load
Ts
Differential Output Rise/Fall time
—
300
ps
Between 20% and 80%
Tested on a sample basis
Reference Clock Requirements
Tt
REFCLK input rise/fall times
—
2.0
ns
Between VIL(MAX) and VIH(MIN)
F
REFCLK Frequency
105
52.5
108
54
MHz
106.25 MHz Nominal if RFSEL is
HIGH
53.125 MHz Nominal if RFSEL is
LOW
T
REFCLK Period
9.2
18.5
9.53
19.0
ns
RFSEL = HIGH
RFSEL = LOW
Fo
Frequency Offset
-200
+200
ppm
Maximum frequency offset between
10 or 20 times REFCLK and the data
rate of the serial input to the CRU.
DC
REFCLK Duty Cycle
35
65
%
Measured at 1.5V
Th, Tl
REFCLK Input HIGH/LOW time
2.5
—
ns.
From VIL(min) to VIH(min) or VIH(max)
to VIL(max)
Tp
Tp
Ts
INx+/-,
LSIx+/-
LSOx+/-,
OUTx+/-
REFCLK
Tt
Tt
Th
Tl
T
VIH(MIN)
VIL(MAX)
80%
20%
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com