Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7124 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7124 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7124
Download  VSC7124 Download
File Size   128.96 Kbytes
Page   8 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Quad Port Bypass Circuit

VSC7124 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7124 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7124
Download  VSC7124 Click to download

File Size   128.96 Kbytes
Page   8 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Quad Port Bypass Circuit

VSC7124 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7124 Product details

General Description

The VSC7124 contains five cascaded Port Bypass Circuits (PBCs) used to steer serial signals. This part is typically used in distributing Fibre Channel signals to an array of disk drives in an FC-AL loop as illustrated in Figure 1. The VSC7124 can be used with any of the Vitesse JBOD circuits to implement FC-AL JBODs of virtually any size. In Figure 1, the first VSC7127’s CRU is configured as a Repeater to attenuate jitter. The VSC7124 does not contain a CRU in order to reduce power and cost. The second VSC7127’s CRU is configured as a retimer so that the output of the device is a jitter compliance point. Each PBC is a multiplexer that is controlled by the corresponding SELx line which, if HIGH, selects the external input or, if LOW, selects the output of the previous PBC.



Features

• ANSI X3T11 Fibre Channel Compliant at 1.0625Gb/s

• IEEE 802.3z Gigabit Ethernet Compliant at 1.25Gb/s

• Five Port Bypass Circuits (PBCs)

• On-Chip Transmit Termination

• 3.3V, 0.25W Typical Power

• 0.35um CMOS, a Velocity Family Member

• 44-Pin, 10mm PQFP Package




Similar Part No. - VSC7124

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results


Similar Description - VSC7124

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
Microsemi Corporation
MM054 MICROSEMI-MM054 Datasheet
160Kb / 2P
BATTERY BYPASS CIRCUIT
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Silicom Ltd.
M1E2G4BPI35 SILICOM-M1E2G4BPI35 Datasheet
493Kb / 7P
Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com