Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-0440 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-0440 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-0440
Download  HDMP-0440 Download
File Size   271.42 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops

HDMP-0440 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-0440 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-0440
Download  HDMP-0440 Click to download

File Size   271.42 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops

HDMP-0440 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-0440 Product details

Description
The HDMP-0440 is a Quad Port Bypass Circuit (PBC), which provides a low-cost, low-power physical-layer solution for Fibre Channel Arbitrated Loop (FC-AL) disk array configurations. By using a PBC such as the HDMP-0440, hard disks may be pulled out or swapped while other disks in the array are available to the system.

Features
• Supports 1.0625 GBd Fibre Channel operation
• Supports 1.25 GBd Gigabit Ethernet (GE) operation
• Quad PBC in one package
• Equalizers on all inputs
• High-speed LVPECL I/O
• Buffered Line Logic (BLL) outputs (no external bias resistors required)
• 0.5 W typical power at VCC = 3.3 V
• 44 Pin, 10 mm, low-cost plastic QFP package

Applications
• RAID, JBOD, BTS cabinets
• Two 2:1 muxes
• Two 1:2 buffers
• 1 ≥ N Gigabit serial buffer
• N ≥ 1 Gigabit serial mux




Similar Part No. - HDMP-0440

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0480 HP-HDMP-0480 Datasheet
121Kb / 11P
Octal Cell Port Bypass Circuit without Clock and Data Recovery
More results


Similar Description - HDMP-0440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com