Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-0452 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-0452 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-0452
Download  HDMP-0452 Download
File Size   273.29 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops

HDMP-0452 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-0452 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-0452
Download  HDMP-0452 Click to download

File Size   273.29 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops

HDMP-0452 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-0452 Product details

Description
The HDMP-0452 is a Quad Port Bypass Circuit (PBC) with a Clock and Data Recovery (CDR) circuit included. This device minimizes part count, cost and jitter accumulation while repeating incoming signals. Port Bypass Circuits are used in hard disk arrays constructed in Fibre Channel Arbitrated Loop (FC-AL) configurations. By using Port Bypass Circuits, hard disks may be pulled out or swapped while other disks in the array are available to the system.

Features
• Supports 1.0625 GBd fibre channel operation
• Supports 1.25 GBd Gigabit Ethernet (GE) operation
• Quad PBC/CDR in one package
• CDR location determined by choice of cable input/output
• Valid amplitude detection on FM_NODE[0] input
• Equalizers on all inputs
• High speed LVPECL I/O
• Buffered Line Logic (BLL) outputs (no external bias resistors required)
• 0.66 W typical power at VCC = 3.3 V
• 44 pin, 10 mm, low cost plastic QFP package

Applications
• RAID, JBOD, BTS cabinets
• 1 => 1-4 serial buffer with or w/o CDR




Similar Part No. - HDMP-0452

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
More results


Similar Description - HDMP-0452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
HDMP-0482 HP-HDMP-0482 Datasheet
149Kb / 12P
Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com