Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-0482 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-0482
Download  HDMP-0482 Download
File Size   149.11 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Octal Cell Port Bypass Circuit with CDR and Data Valid Detection

HDMP-0482 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-0482 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-0482
Download  HDMP-0482 Click to download

File Size   149.11 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Octal Cell Port Bypass Circuit with CDR and Data Valid Detection

HDMP-0482 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-0482 Product details

Description
The HDMP-0482 is an Octal Cell Port Bypass Circuit (PBC) with Clock and Data Recovery (CDR) and data valid detection capability included. This device minimizes part count, cost and jitter accumulation while repeating incoming signals. Port Bypass Circuits are used in hard disk arrays constructed in Fibre Channel Arbitrated Loop (FC-AL) configurations. By using Port Bypass Circuits, hard disks may be pulled out or swapped while other disks in the array are available to the system.

Features
• Supports 1.0625 GBd fibre channel operation
• Supports 1.25 GBd Gigabit Ethernet (GE) operation
• Octal cell PBC/CDR in one package
• CDR location determined by choice of cable input/output
• Amplitude valid detection on FM_NODE[7] input
• Data valid detection on FM_NODE[0] input
    – Run length violation detection
    – Comma detection
    – Configurable for both singleframe and multi-frame detection
• Equalizers on all inputs
• High speed LVPECL I/O
• Buffered Line Logic (BLL) outputs (no external bias resistors required)
• 1.09 W typical power at Vcc=3.3V
• 64 Pin, 14 mm, low cost plastic QFP package

Applications
• RAID, JBOD, BTS cabinets
• Four 2:1 muxes
• Four 1:2 buffers
• 1 = > N gigabit serial buffer
• N = > 1 gigabit serial mux




Similar Part No. - HDMP-0482

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0480 HP-HDMP-0480 Datasheet
121Kb / 11P
Octal Cell Port Bypass Circuit without Clock and Data Recovery
More results


Similar Description - HDMP-0482

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
List of Unclassifed Man...
MN1871675 ETC1-MN1871675 Datasheet
33Kb / 2P
REMOTE CONTROL DATA DETECTION CIRCUIT BUILT-IN
logo
Agilent(Hewlett-Packard...
HDMP-0480 HP-HDMP-0480 Datasheet
121Kb / 11P
Octal Cell Port Bypass Circuit without Clock and Data Recovery
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com