Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-0482 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0482 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
GND
6
S
Ground: Normally 0 volts. See Figure 11 for Recommended Power Supply Filtering.
9
18
39
52
61
VCCA
8
S
Analog Power Supply: Normally 3.3 volts. Used to provide a clean supply line for the Clock and Data
Recovery (CDR) circuit. See Figure 11 for Recommended Power Supply Filtering.
VCCHS[0,1]
21
S
High Speed Supply: Normally 3.3 volts. Used only for high-speed outputs (TO_NODE[n]). See Figure 11 for
VCCHS[2,3]
33
S
Recommended Power Supply Filtering.
VCCHS[4]
45
S
VCCHS[5]
48
S
VCCHS[6,7]
58
S
VCC
5
S
Logic Power Supply: Normally 3.3 volts. Used for internal logic. See Figure 11 for Recommended Power
17
S
Supply Filtering.
27
S
64
S
Table 3, continued. Pin Definitions for HDMP-0482.
Pin Name
Pin
Pin Type
Pin Description
HDMP-0482 Absolute Maximum Ratings
T
a=25° C, except as specified. Operation in excess of any of these conditions may result in permanent
damage to this device. T
a refers to the ambient temperature for the board upon which the parametric
measurements were taken.
Symbol
Parameters
Min.
Max.
Units
V
CC
Supply Voltage
-0.7
4.0
V
V
IN, LVTTL
LVTTL Input Voltage
-0.7
4.0
V
V
IN, HS_IN
HS_IN Input Voltage
1.3
V
CC
V
I
O, LVTTL
LVTTL Output Voltage
±13
mA
T
stg
Storage Temperature
-65
+150
°C
T
j
Junction Temperature
0
+125
°C
HDMP-0482 Guaranteed Operating Rates, Ta = 0°C to +70°C, VCC = 3.15V to 3.45V
Serial Clock Rate
Serial Clock Rate
FC (MBd)
GE (MBd)
Min.
Max.
Min.
Max.
1,040
1,080
1,240
1,260
HDMP-0482 CDR Reference Clock Requirements, Ta = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Units
f
Nominal Frequency (Fibre Channel)
106.25
MHz
f
Nominal Frequency (Gigabit Ethernet)
125
MHz
Ftol
Frequency Tolerance
-100
100
ppm
Symm
Symmetry (duty cycle)
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com