Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-0482 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDMP-0482 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Figure 1. Block Diagram of HDMP-0482.
1
1
0
0
1
2
1
0
3
1
0
4
1
0
5
1
0
6
1
0
7
1
0
0
1
0
BYPASS0
MODE_VDD
RFCM
REFCLK
FSEL
AV
BYPASS0
MODE_VDD
FM_NODE[0]_DV
CDR
DV
The HDMP-0482 design allows for
CDR placement at any location
with respect to the hard disk
slots. For example, if the BY-
PASS[0]- pin is floating and hard
disk slots A to G are connected to
PBC cells 1 to 7, respectively, the
CDR function will be performed
HDMP-0482 Block Diagram
CDR
The Clock and Data Recovery
(CDR) block is responsible for
frequency and phase locking onto
the incoming serial data stream
and resampling the incoming
data based on the recovered
clock. An automatic locking
feature allows the CDR to lock
onto the input data stream
without external training con-
trols. It does this by continually
frequency locking onto the
106.25 MHz reference clock
(REFCLK) and then phase
locking onto the input data
stream. Once bit locked, the CDR
generates a high-speed sampling
clock. This clock is used to
before entering the hard disk at
slot A. To obtain a CDR function
after slot G, BYPASS[1]- must be
floating and hard disk slots A to
G must be connected to PBC cells
2,3,4,5,6,7 and 0, respectively.
Table 1 shows all possible
connections.
For configurations where the CDR
is before slot A, a Data Valid
(FM_NODE[0]_DV) pin indicates
whether the incoming data on
FM_NODE[0]
± is valid Fibre
Channel data. In addition, an
Amplitude Valid (FM_NODE[7]AV)
pin shows the status of the signal
at FM_NODE[7].
sample or repeat the incoming
data to produce the CDR output.
The CDR jitter specifications
listed in this data sheet assume
an input that has been 8B/10B
encoded.
DV Output
The Data Valid (DV) block detects
if the incoming data on
FM_NODE[0]
± is valid Fibre
Channel data. The DV checks for
sufficient K28.5+ characters (per
Fibre Channel framing rules) and
for run length violations (per 8B/
10B encoding) on the data
coming out of the CDR. The
FM_NODE[0]_DV output is
pulled low if a run length viola-
tion (RLV) occurs, or if there are
no commas detected (NCD) in a
sufficient time. It is pulled high if
no errors are found. A RLV error
is defined as any consecutive
sequence of 1s or 0s greater than
five in the serial data bit stream.
A NCD error indicates the
absence of a seven-bit pattern
(0011111) present in the positive
disparity comma (K28.5+)
character. A K28.5+ character
should occur at the beginning of
every Fibre Channel frame of
2148 bytes (or 21480 serial bits),
as well as many times within and
between frames. If this seven-bit
pattern is not found within a 215
bit (~31 µs) interval, an NCD
error is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com