Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-0480 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-0480 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-0480
Download  HDMP-0480 Download
File Size   121.11 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Octal Cell Port Bypass Circuit without Clock and Data Recovery

HDMP-0480 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-0480 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-0480
Download  HDMP-0480 Click to download

File Size   121.11 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Octal Cell Port Bypass Circuit without Clock and Data Recovery

HDMP-0480 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-0480 Product details

Description
The HDMP-0480 is an Octal Cell Port Bypass Circuit (PBC). This device minimizes part count, cost and jitter accumulation. Port Bypass Circuits are used in hard disk arrays constructed in Fibre Channel Arbitrated Loop (FC-AL) configurations. By using Port Bypass Circuits, hard disks may be pulled out or swapped while other disks in the array are available to the system.

Features
• Supports 1.0625 GBd fibre channel operation
• Supports 1.25 GBd gigabit Ethernet (GE) operation
• Octal cell PBC in one package
• Valid amplitude detection on FM_NODE[7] input
• Equalizers on all inputs
• High speed LVPECL I/O
• Buffered Line Logic (BLL) outputs (no external bias resistors required)
• 0.76 W typical power at Vcc=3.3V
• 64 Pin, 10 mm, low cost plastic QFP package

Applications
• RAID, JBOD, BTS cabinets
• Four 2:1 muxes
• Four 1:2 buffers
• 1 = > N gigabit serial buffer
• N = > 1 gigabit serial mux




Similar Part No. - HDMP-0480

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0482 HP-HDMP-0482 Datasheet
149Kb / 12P
Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
More results


Similar Description - HDMP-0480

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Agilent(Hewlett-Packard...
HDMP-0482 HP-HDMP-0482 Datasheet
149Kb / 12P
Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
logo
Analog Devices
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
622 Mbps Clock and Data Recovery IC
2/06-Revision 0
logo
Micrel Semiconductor
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
logo
AMI SEMICONDUCTOR
AMIS-52100 AMI-AMIS-52100 Datasheet
1Mb / 26P
Transceiver with Clock and Data Recovery
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
SY87721L MICREL-SY87721L_08 Datasheet
169Kb / 16P
CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
OPLINK Communications I...
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
Receiver without Clock Recovery
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com