Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806 Datasheet (PDF) - Analog Devices

ADN2806 Datasheet PDF - Analog Devices
Part # ADN2806
Download  ADN2806 Download
File Size   408.06 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 622 Mbps Clock and Data Recovery IC

ADN2806 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2806 Datasheet PDF - Analog Devices

Part # ADN2806
Download  ADN2806 Click to download

File Size   408.06 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 622 Mbps Clock and Data Recovery IC

ADN2806 Datasheet (HTML) - Analog Devices


ADN2806 Product details

GENERAL DESCRIPTION
The ADN2806 provides the receiver functions for clock and data recovery, and data retiming for 622 Mbps NRZ data. The ADN2806 automatically locks to 622 Mbps data without the need for an external reference clock or programming. All SONET jitter requirements are met, including jitter transfer, jitter generation, and jitter tolerance. All specifications are quoted for −40°C to +85°C ambient temperature, unless otherwise noted.

FEATURES
   Exceeds SONET requirements for jitter transfer/
      generation/tolerance
   Patented clock recovery architecture
   No reference clock required
   Loss-of-lock indicator
   I2C® interface to access optional features
   Single-supply operation: 3.3 V
   Low power: 359 mW typical
   5 mm × 5 mm, 32-lead LFCSP, Pb free

APPLICATIONS
   BPON ONT
   SONET OC-12
   WDM transponders
   Regenerators/repeaters
   Test equipment
   Broadband cross-connects and routers




Similar Part No. - ADN2806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2806 AD-ADN2806 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806ACPZ AD-ADN2806ACPZ Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806ACPZ-500RL7 AD-ADN2806ACPZ-500RL7 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806ACPZ-RL7 AD-ADN2806ACPZ-RL7 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806 AD-ADN2806_V01 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
More results


Similar Description - ADN2806

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L Datasheet
86Kb / 9P
3.3V 125 MBPS 155 MBPS CLOCK AND DATA RECOVERY
logo
Analog Devices
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2805 AD-ADN2805 Datasheet
355Kb / 16P
1.25 Gbps Clock and Data Recovery IC
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2805 AD-ADN2805_12 Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
4/2017-Rev. A to Rev. B
logo
Microchip Technology
SY87700AL MICROCHIP-SY87700AL Datasheet
928Kb / 22P
Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
09/14/21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com