Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2805 Datasheet (PDF) - Analog Devices

ADN2805 Datasheet PDF - Analog Devices
Part # ADN2805
Download  ADN2805 Download
File Size   355.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.25 Gbps Clock and Data Recovery IC

ADN2805 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2805 Datasheet PDF - Analog Devices

Part # ADN2805
Download  ADN2805 Click to download

File Size   355.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.25 Gbps Clock and Data Recovery IC

ADN2805 Datasheet (HTML) - Analog Devices


ADN2805 Product details

GENERAL DESCRIPTION
The ADN2805 provides the receiver functions of quantization and clock and data recovery for 1.25 Gbps. The ADN2805 automatically locks to all data rates without the need for an external reference clock or programming. All SONET jitter requirements are met, including jitter transfer, jitter generation, and jitter tolerance.
All specifications are specified for −40°C to +85°C ambient temperature, unless otherwise noted. The ADN2805 is available in a compact 5 mm × 5 mm 32-lead LFCSP.

FEATURES
    Locks to 1.25 Gbps NRZ serial data input
    Patented clock recovery architecture
    No reference clock required
    Loss-of-lock indicator
    I2C interface to access optional features
    Single-supply operation: 3.3 V
    Low power: 390 mW typical
    5 mm × 5 mm 32-lead LFCSP, Pb free

APPLICATIONS
    GbE line card




Similar Part No. - ADN2805

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2805 AD-ADN2805 Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
ADN2805ACPZ AD-ADN2805ACPZ Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
ADN2805ACPZ-500RL7 AD-ADN2805ACPZ-500RL7 Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
ADN2805ACPZ-RL7 AD-ADN2805ACPZ-RL7 Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
ADN2805 AD-ADN2805_12 Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
More results


Similar Description - ADN2805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Analog Devices
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
622 Mbps Clock and Data Recovery IC
2/06-Revision 0
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
9/05-Revision 0
logo
Vitesse Semiconductor C...
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
logo
Analog Devices
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
ADN2805 AD-ADN2805_12 Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com