Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2806
Description  622 Mbps Clock and Data Recovery IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2806 Datasheet(HTML) 1 Page - Analog Devices

  ADN2806 Datasheet HTML 1Page - Analog Devices ADN2806 Datasheet HTML 2Page - Analog Devices ADN2806 Datasheet HTML 3Page - Analog Devices ADN2806 Datasheet HTML 4Page - Analog Devices ADN2806 Datasheet HTML 5Page - Analog Devices ADN2806 Datasheet HTML 6Page - Analog Devices ADN2806 Datasheet HTML 7Page - Analog Devices ADN2806 Datasheet HTML 8Page - Analog Devices ADN2806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
622 Mbps Clock and Data Recovery IC
ADN2806
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Exceeds SONET requirements for jitter transfer/
generation/tolerance
Patented clock recovery architecture
No reference clock required
Loss-of-lock indicator
I2C® interface to access optional features
Single-supply operation: 3.3 V
Low power: 359 mW typical
5 mm × 5 mm, 32-lead LFCSP, Pb free
APPLICATIONS
BPON ONT
SONET OC-12
WDM transponders
Regenerators/repeaters
Test equipment
Broadband cross-connects and routers
GENERAL DESCRIPTION
The ADN2806 provides the receiver functions for clock and
data recovery, and data retiming for 622 Mbps NRZ data. The
ADN2806 automatically locks to 622 Mbps data without the
need for an external reference clock or programming. In the
absence of input data, the output clock drifts no more than
±5%. All SONET jitter requirements are met, including jitter
transfer, jitter generation, and jitter tolerance. All specifications
are quoted for −40°C to +85°C ambient temperature, unless
otherwise noted.
This device, together with a PIN diode, TIA preamplifier, and a
lim amp can implement a highly integrated, low cost, low power
fiber optic receiver.
The ADN2806 is available in a compact 5 mm × 5 mm,
32-lead LFCSP.
FUNCTIONAL BLOCK DIAGRAM
2
LOL
DATAOUTP/
DATAOUTN
CLKOUTP/
CLKOUTN
ADN2806
2
VCC
VEE
CF1
CF2
PIN
NIN
VREF
BUFFER
VCO
PHASE
SHIFTER
PHASE
DETECT
FREQUENCY
DETECT
DATA
RE-TIMING
LOOP
FILTER
LOOP
FILTER
REFCLKP/REFCLKN
(OPTIONAL)
Figure 1.


Similar Part No. - ADN2806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2806 AD-ADN2806 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806ACPZ AD-ADN2806ACPZ Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806ACPZ-500RL7 AD-ADN2806ACPZ-500RL7 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806ACPZ-RL7 AD-ADN2806ACPZ-RL7 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
ADN2806 AD-ADN2806_V01 Datasheet
319Kb / 20P
622 Mbps Clock and Data Recovery IC
Rev. C
More results

Similar Description - ADN2806

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L Datasheet
86Kb / 9P
3.3V 125 MBPS 155 MBPS CLOCK AND DATA RECOVERY
logo
Analog Devices
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2805 AD-ADN2805 Datasheet
355Kb / 16P
1.25 Gbps Clock and Data Recovery IC
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2805 AD-ADN2805_12 Datasheet
292Kb / 16P
1.25 Gbps Clock and Data Recovery IC
3/12-Rev. A to Rev. B
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
4/2017-Rev. A to Rev. B
logo
Microchip Technology
SY87700AL MICROCHIP-SY87700AL Datasheet
928Kb / 22P
Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com