Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806 Datasheet(PDF) 15 Page - Analog Devices

Part # ADN2806
Description  622 Mbps Clock and Data Recovery IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2806 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN2806 Datasheet HTML 11Page - Analog Devices ADN2806 Datasheet HTML 12Page - Analog Devices ADN2806 Datasheet HTML 13Page - Analog Devices ADN2806 Datasheet HTML 14Page - Analog Devices ADN2806 Datasheet HTML 15Page - Analog Devices ADN2806 Datasheet HTML 16Page - Analog Devices ADN2806 Datasheet HTML 17Page - Analog Devices ADN2806 Datasheet HTML 18Page - Analog Devices ADN2806 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADN2806
Rev. 0 | Page 15 of 20
REFERENCE CLOCK (OPTIONAL)
A reference clock is not required to perform clock and data
recovery with the ADN2806; however, support for an optional
reference clock is provided. The reference clock can be driven
differentially or in a single-ended fashion. If the reference
clock is not being used, REFCLKP should be tied to VCC, and
REFCLKN can be left floating or tied to VEE (the inputs are
internally terminated to VCC/2). See Figure 16 through Figure
18 for sample configurations.
The REFCLK input buffer accepts any differential signal with a
peak-to-peak differential amplitude of greater than 100 mV (for
example, LVPECL or LVDS) or a standard single-ended, low
voltage TTL input, providing maximum system flexibility.
Phase noise and duty cycle of the reference clock are not
critical, and 100 ppm accuracy is sufficient.
100kΩ
VCC/2
100kΩ
ADN2806
REFCLKP
10
11
REFCLKN
BUFFER
Figure 16. Differential REFCLK Configuration
100kΩ
VCC/2
100kΩ
ADN2806
REFCLKP
OUT
REFCLKN
BUFFER
VCC
CLK
OSC
Figure 17. Single-Ended REFCLK Configuration
100kΩ
VCC/2
100kΩ
ADN2806
REFCLKP
10
11
NC
REFCLKN
BUFFER
VCC
Figure 18. No REFCLK Configuration
There are two mutually exclusive uses, or modes, of the
reference clock. The reference clock can be used either to help
the ADN2806 lock onto data or to measure the frequency of the
incoming data to within 0.01%. The modes are mutually
exclusive because in the first use the user knows exactly what
the data rate is and wants to force the part to lock onto only that
data rate, and in the second use the user does not know what
the data rate is and wants to measure it.
Lock-to-reference mode is enabled by writing a 1 to I2C Register
Bit CTRLA[0]. Fine data rate readback mode is enabled by
writing a 1 to I2C Register Bit CTRLA[1]. Writing a 1 to both of
these bits at the same time causes an indeterminate state and is
not supported.
Using the Reference Clock to Lock onto Data
In this mode, the ADN2806 locks onto a frequency derived
from the reference clock according to
Data Rate/2CTRLA[5:2] = REFCLK/2CTRLA[7, 6]
The user must provide a reference clock that is a function of the
data rate. By default, the ADN2806 expects a reference clock of
19.44 MHz. Other options are 38.88 MHz, 77.76 MHz, and
155.52 MHz, which are selected by programming CTRLA[7, 6].
CTRLA[5:2] should be programmed to [0101] for all cases.
Table 11. CTRLA Settings
CTRLA[7, 6]
Range (MHz)
CTRLA[5:2]
Ratio
00
19.44
0101
25
01
38.88
0101
25
10
77.76
0101
25
11
155.52
0101
25
For example, if the reference clock frequency is 38.88 MHz and the
input data rate is 622.08 Mbps, CTRLA[7, 6] is set to [01] to
produce a divided-down reference clock of 19.44 MHz, and
CTRLA[5:2] is set to [0101], that is, 5, because
622.08 Mbps/19.44 MHz = 25
In this mode, if the ADN2806 loses lock for any reason, it relocks
onto the reference clock and continues to output a stable clock.
While the ADN2806 is operating in lock-to-reference mode,
a 0 to 1 transition should be written into the CTRLA[0] bit to
initiate a lock-to-reference clock command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com