Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806 Datasheet(PDF) 18 Page - Analog Devices

Part # ADN2806
Description  622 Mbps Clock and Data Recovery IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2806 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN2806 Datasheet HTML 12Page - Analog Devices ADN2806 Datasheet HTML 13Page - Analog Devices ADN2806 Datasheet HTML 14Page - Analog Devices ADN2806 Datasheet HTML 15Page - Analog Devices ADN2806 Datasheet HTML 16Page - Analog Devices ADN2806 Datasheet HTML 17Page - Analog Devices ADN2806 Datasheet HTML 18Page - Analog Devices ADN2806 Datasheet HTML 19Page - Analog Devices ADN2806 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADN2806
Rev. 0 | Page 18 of 20
Transmission Lines
Minimizing reflections in the ADN2806 requires use of 50 Ω
transmission lines for all pins with high frequency input and
output signals, including PIN, NIN, CLKOUTP, CLKOUTN,
DATAOUTP, and DATAOUTN (also REFCLKP and REFCLKN,
if a high frequency reference clock is used, such as 155 MHz). It
is also necessary for the PIN/NIN input traces to be matched in
length and for the CLKOUTP/CLKOUTN and
DATAOUTP/DATAOUTN output traces to be matched in
length to avoid skew between the differential traces.
The high speed inputs, PIN and NIN, are internally terminated
with 50 Ω to an internal reference voltage (see Figure 20).
A 0.1 μF is recommended between VREF, Pin 3, and GND to
provide an ac ground for the inputs.
As with any high speed, mixed-signal design, take care to keep
all high speed digital traces away from sensitive analog nodes.
CIN
CIN
0.1µF
NIN
PIN
ADN2806
2.5V
VREF
LIM
50Ω
50Ω
50Ω
50Ω
3kΩ
Figure 20. ADN2806 AC-Coupled Input Configuration
Soldering Guidelines for Lead Frame Chip Scale Package
The lands on the 32-lead LFCSP are rectangular. The printed
circuit board (PCB) pad for these should be 0.1 mm longer than
the package land length and 0.05 mm wider than the package
land width. The land should be centered on the pad. This
ensures that the solder joint size is maximized. The bottom of
the chip scale package has a central exposed pad. The pad on
the PCB should be at least as large as this exposed pad. The user
must connect the exposed pad to VEE using plugged vias so
that solder does not leak through the vias during reflow. This
ensures a solid connection from the exposed pad to VEE.
Choosing AC Coupling Capacitors
AC coupling capacitors at the input (PIN, NIN) and output
(DATAOUTP, DATAOUTN) of the ADN2806 can be optimized
for the application. When choosing the capacitors, the time
constant formed with the two 50 Ω resistors in the signal path
must be considered. When a large number of consecutive
identical digits (CIDs) are applied, the capacitor voltage can
droop due to baseline wander (see Figure 21), causing pattern-
dependent jitter (PDJ).
The user must determine how much droop is tolerable and
choose an ac coupling capacitor based on that amount of droop.
The amount of PDJ can then be approximated based on the
capacitor selection. The actual capacitor value selection can
require some trade-offs between droop and PDJ.
For example, assuming that 2% droop can be tolerated, the
maximum differential droop is 4%. Normalizing to V p-p:
Droop = ΔV = 0.04 V = 0.5 V p-p (1 − e−t/τ); therefore, τ = 12t
where:
τ is the RC time constant (C is the ac coupling capacitor, R =
100 Ω seen by C).
t is the total discharge time, which is equal to nT, where n is the
number of CIDs, and T is the bit period.
The capacitor value can then be calculated by combining the
equations for τ and t:
C = 12 nT/R
Once the capacitor value is selected, the PDJ can be
approximated as
PDJpspp = 0.5 tr(1 − e(−nT/RC))/0.6
where:
PDJpspp is the amount of pattern-dependent jitter allowed
(<0.01 UI p-p typical).
tr is the rise time, which is equal to 0.22/BW,
where BW ~ 0.7 (bit rate).
Note that this expression for tr is accurate only for the inputs.
The output rise time for the ADN2806 is ~100 ps regardless of
the data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com