Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2806 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2806
Description  622 Mbps Clock and Data Recovery IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2806 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2806 Datasheet HTML 6Page - Analog Devices ADN2806 Datasheet HTML 7Page - Analog Devices ADN2806 Datasheet HTML 8Page - Analog Devices ADN2806 Datasheet HTML 9Page - Analog Devices ADN2806 Datasheet HTML 10Page - Analog Devices ADN2806 Datasheet HTML 11Page - Analog Devices ADN2806 Datasheet HTML 12Page - Analog Devices ADN2806 Datasheet HTML 13Page - Analog Devices ADN2806 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADN2806
Rev. 0 | Page 10 of 20
JITTER SPECIFICATIONS
The ADN2806 CDR is designed to achieve the best bit-
error-rate (BER) performance and to exceed the jitter
transfer, generation, and tolerance specifications proposed
for SONET/SDH equipment defined in the Telcordia
Technologies specification.
Jitter is the dynamic displacement of digital signal edges from
their long-term average positions, measured in unit intervals
(UI), where 1 UI = 1 bit period. Jitter on the input data can
cause dynamic phase errors on the recovered clock sampling
edge. Jitter on the recovered clock causes jitter on the
retimed data.
The following sections briefly summarize the specifications of
jitter generation, transfer, and tolerance in accordance with the
Telcordia document (GR-253-CORE, Issue 3, September 2000)
for the optical interface at the equipment level and the
ADN2806 performance with respect to those specifications.
Jitter Generation
The jitter generation specification limits the amount of jitter
that can be generated by the device with no jitter and wander
applied at the input. For SONET devices, the jitter generated
must be less than 0.01 UI rms and less than 0.1 UI p-p.
Jitter Transfer
The jitter transfer function is the ratio of the jitter on the output
signal to the jitter applied on the input signal vs. the frequency.
This parameter measures the amount of jitter on an input signal
that can be transferred to the output signal (see Figure 11). This
amount is limited.
0.1
ACCEPTABLE
RANGE
fC
JITTER FREQUENCY (kHz)
SLOPE = –20dB/DECADE
Figure 11. Jitter Transfer Curve
Jitter Tolerance
The jitter tolerance is defined as the peak-to-peak amplitude of
the sinusoidal jitter applied on the input signal, which causes a
1 dB power penalty. This is a stress test intended to ensure that
no additional penalty is incurred under the operating
conditions (see Figure 12).
15.00
1.50
0.15
f0
f1
f2
f3
f4
JITTER FREQUENCY (kHz)
SLOPE = –20dB/DECADE
Figure 12. SONET Jitter Tolerance Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com