Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7123 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7123 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7123
Download  VSC7123 Download
File Size   208.0 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 10-Bit Transceiver for Fibre Channel and Gigabit Ethernet

VSC7123 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7123 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7123
Download  VSC7123 Click to download

File Size   208.0 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 10-Bit Transceiver for Fibre Channel and Gigabit Ethernet

VSC7123 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7123 Product details

General Description

The VSC7123 is a full-speed Fibre Channel and Gigabit Ethernet Transceiver with industry-standard

pinouts. The VSC7123 accepts 10-bit 8B/10B encoded transmit data, latches it on the rising edge of REFCLK and serializes the data onto the TX PECL differential outputs at a baud rate which is 10 times the REFCLK frequency.



Features

•  802.3z Gigabit Ethernet-Compliant 1.25 Gb/s Transceiver

•  ANSI X3T11 Fibre Channel-Compliant 1.0625 Gb/s Transceiver

•  0.98 to 1.36 Gb/s Full-Duplex Operation

•  10-Bit TTL Interface for Transmit and Receive Data

•  Automatic Lock-to-Reference

•  RX Cable Equalization

•  Analog/Digital Signal Detection

•  JTAG Access Port for Testability

•  Single +3.3V Supply, 650mW Typical

•  Packages: 64-Pin 10mm and 14mm PQFP and 10mm TQFP




Similar Part No. - VSC7123

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
VSC7124QM VITESSE-VSC7124QM Datasheet
128Kb / 8P
Quad Port Bypass Circuit
More results


Similar Description - VSC7123

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
Gigabit Ethernet/Fibre Channel Transceiver
S2070 AMCC-S2070 Datasheet
168Kb / 20P
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com