Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2060 Datasheet (PDF) - Applied Micro Circuits Corporation

CS2060 Datasheet PDF - Applied Micro Circuits Corporation
Part # CS2060
Download  CS2060 Download
File Size   31.55 Kbytes
Page   2 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description Gigabit Ethernet/Fibre Channel Transceiver

CS2060 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS2060 Datasheet PDF - Applied Micro Circuits Corporation

Part # CS2060
Download  CS2060 Click to download

File Size   31.55 Kbytes
Page   2 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description Gigabit Ethernet/Fibre Channel Transceiver

CS2060 Datasheet (HTML) - Applied Micro Circuits Corporation


CS2060 Product details

Description

The S2060 transmitter and receiver chip facilitates high speed serial transmission of data over fiber optic, coax, or twinax interfaces. The device is functionally compliant with the requirements of the IEEE 802.3z Gigabit Ethernet (GE) and ANSI X3T11 Fibre Channel (FC) specifications and operates at the full rates of 1250.0 and 1062.5 Mbps data rates, respectively, with an associated 10-bit data word. The device also provides half rate operation at 625 and 531 Mbps.



Features

• 1250 MHz (Gigabit Ethernet) line rate

• 1062 MHz (Fibre Channel) line rate

• 531 MHz and 625 MHz half rate operation

• Functionally compliant to IEEE 802.3z Gigabit Ethernet and ANSI X3T11 Fibre Channel Specifications

• Receiver and Transmitter incorporates PLLs for clock/data recovery and synthesis

• Continuous downstream clocking from receiver

• 10-bit parallel LVTTL compatible I/O interface

• Low-jitter serial LVPECL compatible interface

• Local loopback

• Drives 30 m of Twinax cable directly

• Single +3.3 V supply, 620 mW power dissipation

• 64 PQFP or TQFP package with Green/RoHS compliant lead free options

• Commercial and industrial temperature range



Applications

• Workstation

• Frame buffer

• Switched networks

• Data broadcast environments

• Proprietary extended backplanes




Similar Part No. - CS2060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS20604AC100G104KE VISHAY-CS20604AC100G104KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G104ME VISHAY-CS20604AC100G104ME Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G330KE VISHAY-CS20604AC100G330KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G330ME VISHAY-CS20604AC100G330ME Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G392KE VISHAY-CS20604AC100G392KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
More results


Similar Description - CS2060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
logo
Texas Instruments
SN75FC1000 TI1-SN75FC1000 Datasheet
301Kb / 10P
1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com