Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2060 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS2060
Description  Gigabit Ethernet/Fibre Channel Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS2060 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS2060 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS2060 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6290 Sequence Drive • San Diego, CA 92121 • Tel: 858 450-9333 • Fax: 858 450-9885 • http://www.amcc.com
AMCC reserves the right to make changes to its products, or
to discontinue any product or service without notice, and
advises its customers to obtain the latest version of relevant
information to verify, before placing orders, that the
information being relied upon is current.
AMCC is a registered trademark of Applied Micro Circuits
Corporation. Copyright © 2005 Applied Micro Circuits
Corporation. All Rights Reserved.
Distribute only on a need-to-know basis, and subject to applicable NDA. Not to be disclosed to or used by any other person without prior authorization.
Product Brief
S2060
Gigabit Ethernet/Fibre Channel Transceiver
PB2026_v0.01_10/26/05
2
Empowering Intelligent Optical Networks
Confidential and Proprietary
Applications
Workstation
Frame buffer
Switched networks
Data broadcast environments
Proprietary extended back-
planes
Figure 2. S2060 Ordering Information
Prefix
Package
Device
S
2060
A:
(64 PQFP 10mm) Standard Package, Commercial Temp
QSC:
(64 PQFP 10mm) Green/RoHS Compliant Package, Commercial Temp
B:
(64 PQFP 14mm) Standard Package, Commercial Temp
D:
(64 PQFP 14mm) Standard Package, Industrial Temp
QSIAB: (64 PQFP 14mm) Green/RoHS Compliant Package, Industrial Temp
C:
(64 TQFP 10mm) Standard Package, Commercial Temp
X
XXXX
XXXXX
Prefix
Device
Package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com