Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2060 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS2060
Description  Gigabit Ethernet/Fibre Channel Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS2060 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS2060 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS2060 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
At a G l a n c e
Product Brief
S2060
Gigabit Ethernet/Fibre Channel Transceiver
Empowering Intelligent Optical Networks
1
PB2026_v0.01_10/26/05
Description
The S2060 transmitter and receiver chip
facilitates high speed serial transmission
of data over fiber optic, coax, or twinax
interfaces. The device is functionally
compliant with the requirements of the
IEEE 802.3z Gigabit Ethernet (GE) and
ANSI X3T11 Fibre Channel (FC)
specifications and operates at the full
rates of 1250.0 and 1062.5 Mbps data
rates, respectively, with an associated
10-bit data word. The device also
provides half rate operation at 625 and
531 Mbps.
The chip provides parallel-to-serial and
serial-to-parallel conversion, clock
generation/recovery, and optional
framing for 8B/10B encoded data. The
on-chip transmit PLL synthesizes the
high-speed clock from an external low-
speed reference. The on-chip receive
PLL performs clock recovery and data
re-timing on the serial bit stream. The
transmitter and receiver each support
differential LVPECL compatible I/O for
copper or fiber optic component
interfaces with excellent signal integrity.
Local loopback mode allows for system
diagnostics. The chip requires a +3.3 V
power supply and dissipates typically
620 mW.
The S2060 can be used for a variety of
applications including GE, FC, serial
backplanes, and proprietary point-to-
point links. Figure 1 shows a typical
configuration incorporating the chip.
Overview
The S2060 transmitter and receiver
provide serialization and deserialization
(SERDES) functions for 8B/10B
encoded data to implement a GE or FC
interface. The sequence of transmitter
and receiver functions are as follows:
Transmitter Operations:
1.
10-bit parallel input
2.
Parallel-to-serial conversion
3.
Serial output
Receiver Operations:
4.
Clock and data recovery from serial
input
5.
Serial-to-parallel conversion
6.
Frame detection
7.
10-bit parallel output
The 10-bit parallel data input to the
S2060 should be from a DC-balanced
encoding scheme, such as that of the
8B/10B transmission code1, in which
information to be transmitted is encoded
8 bits at a time into 10-bit transmission
characters.
S2060
Features
1250 MHz (Gigabit Ethernet)
line rate
1062 MHz (Fibre Channel) line
rate
531 MHz and 625 MHz half
rate operation
Functionally compliant to IEEE
802.3z Gigabit Ethernet and
ANSI X3T11 Fibre Channel
Specifications
Receiver and Transmitter
incorporates PLLs for clock/
data recovery and synthesis
Continuous downstream clock-
ing from receiver
10-bit parallel LVTTL compati-
ble I/O interface
Low-jitter serial LVPECL com-
patible interface
Local loopback
Drives 30 m of Twinax cable
directly
Single +3.3 V supply, 620 mW
power dissipation
64 PQFP or TQFP package
with Green/RoHS compliant
lead free options
Commercial and industrial
temperature range
Figure 1. System Block Diagram
S2060
Gigabit
Ethernet/
Fibre
Channel
Controller
Optical
Tx
Optical
Rx
Optical
Tx
Optical
Rx
S2060
Gigabit
Ethernet/
Fibre
Channel
Controller


Similar Part No. - CS2060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS20604AC100G104KE VISHAY-CS20604AC100G104KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G104ME VISHAY-CS20604AC100G104ME Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G330KE VISHAY-CS20604AC100G330KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G330ME VISHAY-CS20604AC100G330ME Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G392KE VISHAY-CS20604AC100G392KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
More results

Similar Description - CS2060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
logo
Texas Instruments
SN75FC1000 TI1-SN75FC1000 Datasheet
301Kb / 10P
1-GIGABIT FIBRE CHANNEL TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com