Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7124 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7124
Description  Quad Port Bypass Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7124 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7124 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52293-0, Rev 2.3
Page 1
05/07/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Advance Product Information
VSC7124
Quad Port Bypass Circuit
Features
General Description
The VSC7124 contains five cascaded Port Bypass Circuits (PBCs) used to steer serial signals. This part is typ-
ically used in distributing Fibre Channel signals to an array of disk drives in an FC-AL loop as illustrated in Fig-
ure 1. The VSC7124 can be used with any of the Vitesse JBOD circuits to implement FC-AL JBODs of
virtually any size. In Figure 1, the first VSC7127’s CRU is configured as a Repeater to attenuate jitter. The
VSC7124 does not contain a CRU in order to reduce power and cost. The second VSC7127’s CRU is config-
ured as a retimer so that the output of the device is a jitter compliance point.
Each PBC is a multiplexer that is controlled by the corresponding SELx line which, if HIGH, selects the exter-
nal input or, if LOW, selects the output of the previous PBC.
VSC7124 Block Diagram
• ANSI X3T11 Fibre Channel Compliant at 1.0625Gb/s
• IEEE 802.3z Gigabit Ethernet Compliant at 1.25Gb/s
• Five Port Bypass Circuits (PBCs)
• On-Chip Transmit Termination
• 3.3V, 0.25W Typical Power
• 0.35um CMOS, a Velocity Family Member
• 44-Pin, 10mm PQFP Package
1
0
PBC1
1
0
PBC2
1
0
PBC3
1
0
PBC4
1
0
PBC0


Similar Part No. - VSC7124

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7124

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
Microsemi Corporation
MM054 MICROSEMI-MM054 Datasheet
160Kb / 2P
BATTERY BYPASS CIRCUIT
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Silicom Ltd.
M1E2G4BPI35 SILICOM-M1E2G4BPI35 Datasheet
493Kb / 7P
Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com