Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7124 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7124
Description  Quad Port Bypass Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7124 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7124 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52293-0, Rev 2.3
Page 3
05/07/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Advance Product Information
VSC7124
Quad Port Bypass Circuit
Figure 2: Timing Waveforms
AC Characteristics (Over Recommended Operating Conditions)
DC Characteristics (Over Recommended Operating Conditions)
NOTE: (1) Refer to Application Note AN-37 for details regarding differential voltage measurements.
Parameters
Description
Min
Typ
Max
Units
Conditions
T1
Propagation Delay
7.0
ns
Delay with all circuits
bypassed.
TR, TF
Serial Data Rise and Fall Time
300
ps
At
∆V
IN minimum levels
Tj(PBC)
Data Jitter Accummulation
120
ps
Peak-to-Peak on Ox+/-
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage (TTL)
2.4
V
IOH = -1.0 mA
VOL
Output LOW voltage (TTL)
0.5
V
IOL = +1.0 mA
VIH
Input HIGH voltage (TTL)
2.0
5.5
V
VIL
Input LOW voltage (TTL)
0
0.8
V
IIH
Input HIGH current (TTL)
50
500
µAV
IN =2.4V
IIL
Input LOW current (TTL)
-500
µAV
IN =0.5V
∆V
OUT75
(1)
TX output differential peak-to-peak
voltage swing
1200
2200
mVp-p
75
Ω to V
DD – 2.0 V
∆V
OUT50
(1)
TX output differential peak-to-peak
voltage swing
1000
2200
mVp-p
50
Ω to V
DD – 2.0 V
∆V
IN
(1)
Receiver differential peak-to-peak
Input Sensitivity RX
400
2600
mVp-p
Internally biased to VDD/2
VDD
Supply voltage
3.14
3.47
V
3.3V±5%
PD
Power dissipation
250
555
mW
Outputs open,
VDD = VDD max ±2%
IDD
Power Supply Current
76
160
mA
Outputs open,
VDD = VDD max
T1
T1
Ox+/-
Ix+/-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com