Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM054 Datasheet (PDF) - Microsemi Corporation

MM054 Datasheet PDF - Microsemi Corporation
Part # MM054
Download  MM054 Download
File Size   160.07 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description BATTERY BYPASS CIRCUIT

MM054 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM054 Datasheet PDF - Microsemi Corporation

Part # MM054
Download  MM054 Click to download

File Size   160.07 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description BATTERY BYPASS CIRCUIT

MM054 Datasheet (HTML) - Microsemi Corporation


MM054 Product details

Features
• High current capability, easy to parallel to further boost up performance
• Compact and rugged construction offering weight and space savings
• Available with PC board solderable pins (see mechanical outline below) or threaded terminals (add “T”suffix to part number, see option below)
• HPM (Hermetic Power Module)
• Isolation voltage capability (in reference to the base) in excess of 3kV
• Very low thermal resistance
• Thermally matched construction provides excellent temperature and power cycling capability
• Additional voltage ratings or terminations available upon request
• MIL-PRF-19500 screening available upon request




Similar Part No. - MM054

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MM0-65608EV-30-E ATMEL-MM0-65608EV-30-E Datasheet
340Kb / 15P
Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
MM0-65609EV-40-E ATMEL-MM0-65609EV-40-E Datasheet
249Kb / 14P
Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
MM0-65609EV-40-E ATMEL-MM0-65609EV-40-E Datasheet
1Mb / 14P
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
MM0-65609EV-40MQ ATMEL-MM0-65609EV-40MQ Datasheet
249Kb / 14P
Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
MM0-65609EV-40SV ATMEL-MM0-65609EV-40SV Datasheet
1Mb / 14P
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results


Similar Description - MM054

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MM158 MICROSEMI-MM158 Datasheet
207Kb / 2P
BATTERY CELL BYPASS/SHORTING MODULE
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
logo
Sensitron
SEN-4717 SENSITRON-SEN-4717 Datasheet
62Kb / 3P
SCHOTTKY BATTERY DISCHARGE BYPASS DIODE
logo
Solid States Devices, I...
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
BATTERY BYPASS POWER MODULE
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
logo
Linear Technology
LT1239 LINER-LT1239_15 Datasheet
246Kb / 12P
Backup Battery Management Circuit
logo
Solid States Devices, I...
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
Battery Back-up Circuit
logo
Infineon Technologies A...
DF80R12W2H3F_B11 INFINEON-DF80R12W2H3F_B11 Datasheet
658Kb / 11P
Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com