Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM054 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MM054
Description  BATTERY BYPASS CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MM054 Datasheet(HTML) 1 Page - Microsemi Corporation

  MM054 Datasheet HTML 1Page - Microsemi Corporation MM054 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM054
DISCHARGE: 100 A
CHARGE: 20 A
Features
• High current capability, easy to parallel to further boost up performance
• Compact and rugged construction offering weight and space savings
• Available with PC board solderable pins (see mechanical outline below)
or threaded terminals (add “T”suffix to part number, see option below)
• HPM (Hermetic Power Module)
• Isolation voltage capability (in reference to the base) in excess of 3kV
• Very low thermal resistance
• Thermally matched construction provides excellent temperature and
power cycling capability
• Additional voltage ratings or terminations available upon request
• MIL-PRF-19500 screening available upon request
PART NUMBER
SYMBOL
MAX.
UNIT
Discharge Current
ID
100
Amps
Charge Current
IC
20
Amps
Non-Repetitive Peak Surge Current (discharge)
IDSM
500
Amps
Non-Repetitive Peak Surge Current (charge)
ICSM
200
Amps
Operating and Storage Junction Temperature Range
Tj
Tstg
-55 to +175
°C
Thermal resistance, junction to base, discharge
R
Θ jbD
0.7
(typ. 0.5)
°C/W
Thermal resistance, junction to base , charge
R
Θ jbC
0.9
(typ. 0.75)
°C/W
Maximum Ratings per leg @ 25
°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0322A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
BATTERY
BYPASS
CIRCUIT


Similar Part No. - MM054

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MM0-65608EV-30-E ATMEL-MM0-65608EV-30-E Datasheet
340Kb / 15P
Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
MM0-65609EV-40-E ATMEL-MM0-65609EV-40-E Datasheet
249Kb / 14P
Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
MM0-65609EV-40-E ATMEL-MM0-65609EV-40-E Datasheet
1Mb / 14P
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
MM0-65609EV-40MQ ATMEL-MM0-65609EV-40MQ Datasheet
249Kb / 14P
Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
MM0-65609EV-40SV ATMEL-MM0-65609EV-40SV Datasheet
1Mb / 14P
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results

Similar Description - MM054

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MM158 MICROSEMI-MM158 Datasheet
207Kb / 2P
BATTERY CELL BYPASS/SHORTING MODULE
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
logo
Sensitron
SEN-4717 SENSITRON-SEN-4717 Datasheet
62Kb / 3P
SCHOTTKY BATTERY DISCHARGE BYPASS DIODE
logo
Solid States Devices, I...
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
BATTERY BYPASS POWER MODULE
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
logo
Linear Technology
LT1239 LINER-LT1239_15 Datasheet
246Kb / 12P
Backup Battery Management Circuit
logo
Solid States Devices, I...
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
Battery Back-up Circuit
logo
Infineon Technologies A...
DF80R12W2H3F_B11 INFINEON-DF80R12W2H3F_B11 Datasheet
658Kb / 11P
Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com