Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM054 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MM054
Description  BATTERY BYPASS CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MM054 Datasheet(HTML) 2 Page - Microsemi Corporation

  MM054 Datasheet HTML 1Page - Microsemi Corporation MM054 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Forward Voltage, note 1
VD1
IF= 10 A,
350
340
mV
Forward Voltage, note 1
VD2
IF= 20 A,
400
470
mV
Forward Voltage, note 1
VD3
IF= 40 A,
490
600
mV
Forward Voltage, note 1
VD4
IF= 80 A,
530
800
mV
Forward Voltage, note 1
VD5
IF= 100 A,
750
-
mV
Forward Voltage, note 1
VD6
IF= 20 A, TA= -55
°C
490
590
mV
Forward Voltage, note 1
VD7
IF= 20 A, TA= 125
°C
320
-
mV
note: see 1N6790 data sheet for full electrical characteristics of the discharge schottky
diode
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Forward Voltage, note 1
VC1
IF= 50 mA
2
2.1
-
V
Forward Voltage, note 1
VC2
IF= 100 mA
-
2.2
-
V
Forward Voltage, note 1
VC3
IF= 5 A,
2.6
2.7
V
Forward Voltage, note 1
VC4
IF= 10 A,
2.7
3.0
V
Forward Voltage, note 1
VC5
IF= 20 A,
2.85
3.3
V
Forward Voltage, note 1
VC4
IF= 10 A, TA= 125
°C
2.35
2.7
V
Electrical Parameters, DISCHARGE circuit @ 25
°C (unless otherwise specified)
Notes
(1)
Pulse test, t
≤300 µs, duty cycle δ≤2%
MM054
Electrical Parameters, CHARGE circuit @ 25
°C (unless otherwise specified)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com