Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN139 Datasheet (PDF) - Solid State Inc

SDN139 Datasheet PDF - Solid State Inc
Part # SDN139
Download  SDN139 Download
File Size   474.41 Kbytes
Page   11 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Output Current (60mA)

SDN139 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDN139 Datasheet PDF - Solid State Inc

Part # SDN139
Download  SDN139 Click to download

File Size   474.41 Kbytes
Page   11 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Output Current (60mA)

SDN139 Datasheet (HTML) - Solid State Inc


SDN139 Product details

Features
 TTL Compatible
 Low Control Current Requirements (0.5mA)
 High Output Current (60mA)
 High CTR Performance (2000%)
 High Isolation Voltage (5000VRMS)
 Instantaneous Common Mode Rejection (10kV/S)
 RoHS / Pb-Free / REACH Compliant

Applications
 Digital Logic Ground Isolation
 Replace Slower Speed Optocouplers
 Low Input Current Line Receivers
 Ring Detector Circuitry
 Loop Current Receiver
 High Common Mode Noise Line Receiver

Description
The SDN139 consists of a highly efficient AlGaAs
Light Emitting Diode and an integrated high gain
photo detector to provide extremely high current
transfer ratio between input and output. Separate
pins for the photodiode and output stage result in TTL
compatible saturation voltage and high speed
operation. Where desired the VCC and VO terminals
may be tied together to achieve conventional photo
Darlington operation. A base access terminal allows
a gain bandwidth adjustment to be made.
The SDN139 comes standard in an 8 pin DIP package.




Similar Part No. - SDN139

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDN139 SSOUSA-SDN139 Datasheet
456Kb / 11P
Analog High Speed Optocoupler
More results


Similar Description - SDN139

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9022 RICHTEK-RT9022 Datasheet
148Kb / 11P
High Voltage, Low Quiescent, 60mA LDO Regulator
RT9302 RICHTEK-RT9302 Datasheet
124Kb / 9P
60mA 3-Channel Pulse Dimming Current Source LED Driver
RT9302 RICHTEK-RT9302_11 Datasheet
128Kb / 9P
60mA 3-Channel Pulse Dimming Current Source LED Driver
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF Datasheet
66Kb / 1P
8kV 60mA HIGH VOLTAGE DIODE
2CL2FG GETEDZ-2CL2FG Datasheet
66Kb / 1P
10kV 60mA HIGH VOLTAGE DIODE
2CL2FH GETEDZ-2CL2FH Datasheet
68Kb / 1P
12kV 60mA HIGH VOLTAGE DIODE
2CL2FJ GETEDZ-2CL2FJ Datasheet
66Kb / 1P
15kV 60mA HIGH VOLTAGE DIODE
logo
ELMOS Semiconductor AG
E522.84 ELMOS-E522.84 Datasheet
1Mb / 20P
Three integrated Linear Current Drivers (3*60mA)
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF_16 Datasheet
446Kb / 1P
60mA 8.0Kv 150nS--High voltage silicon rectifier diode
logo
List of Unclassifed Man...
CYT1000B ETC2-CYT1000B Datasheet
416Kb / 10P
Output current is adjustable 5mA-60mA竊똠onstant current precision
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com