Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT1110 Datasheet (PDF) - Microtune,Inc

MT1110 Datasheet PDF - Microtune,Inc
Part # MT1110
Download  MT1110 Download
File Size   84.81 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT1110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT1110 Datasheet PDF - Microtune,Inc

Part # MT1110
Download  MT1110 Click to download

File Size   84.81 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT1110 Datasheet (HTML) - Microtune,Inc


MT1110 Product details

RF AMPLIFIER

The Microtune MT1110 radio frequency (RF) amplifier is a 75Ω internally matched amplifier designed for broadband CATV distribution, car TV applications, and infrastructure applications.

FEATURES
• Cascadable 75Ω gain block
• 15 dB gain
• 3 dB noise figure
• Unconditionally stable
• 20 dB input return loss
• 1 MHz to 1600 MHz 3 dB bandwidth
• Typical OIP3 at 76 mA is 80 dBmV at 850 MHz
• Single 5V supply
• Adjustable current consumption
• SOT-89 package
• Industry standard pin-out for drop-in compatibility

APPLICATIONS
• Set-top box
• Home gateways
• CATV broadband distribution
• Cable splitters
• Laser drivers
• Optical receivers
• Car TV antenna amplifiers
• Splitters for car TV receivers
• Wireless data
• PA driver amplifier
• IF amplifier




Similar Part No. - MT1110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT1110 ETC2-MT1110 Datasheet
294Kb / 9P
75??BROADBAND AMPLIFIER
logo
Microtune,Inc
MT1110 MICROTUNE-MT1110 Datasheet
244Kb / 2P
The MT2060-STV0297-RD is an inexpensive, integrated tuner- demodulator Reference Design solution for DVB-C applications
logo
List of Unclassifed Man...
MT1110TR ETC2-MT1110TR Datasheet
294Kb / 9P
75??BROADBAND AMPLIFIER
More results


Similar Description - MT1110

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1119 MICROTUNE-MT1119 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1120 MICROTUNE-MT1120 Datasheet
69Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2064 MICROTUNE-MT2064 Datasheet
75Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 MICROTUNE-MT2131 Datasheet
71Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com