Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT1503EDC Datasheet (PDF) - Microtune,Inc

MT1503EDC Datasheet PDF - Microtune,Inc
Part # MT1503EDC
Download  MT1503EDC Download
File Size   157.97 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT1503EDC Datasheet (PDF)

Go To PDF Page Download Datasheet
MT1503EDC Datasheet PDF - Microtune,Inc

Part # MT1503EDC
Download  MT1503EDC Click to download

File Size   157.97 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT1503EDC Datasheet (HTML) - Microtune,Inc


MT1503EDC Product details

The MT1503EDC is a tuner module for reception in VHF Band III and L-Band compliant to the DAB EUREKA 147 standard. It performs a down-conversion to an intermediate frequency followed by further signal processing based on an integrated baseband processor. A serial bus interface serves as a digital audio output.

FEATURES
• Double down-conversion for L-Band, Single down-conversion for VHF Band III reception
• 50 Ω antenna input matching
• External RF AGC (pin diode)
• Gain controlled LNAs for both bands
• Selectable RF AGC threshold level
• Tunable preselection filter for better image rejection
• IF SAW filter
• Selectable IF AGC threshold
• Decoding of full DAB audio/data stream according to EUREKA 147 standard
• Decoding of FIC/FIDC and PAD data
• Processing of data services in parallel to audio service
• Supports stream and packet mode
• Error concealment and dropout masking
• Extended data processing capabilities
• Very small form factor
• Shielded metal housing
• USART bus for control functions
• RDI and SPI interfaces for external DMB and data decoders
• USB and SSO interface optional
• Extended parametric temperature range of -40° to +85°C
• 12 V phantom power feeding for an active antenna
• On-board flash memory
• Lead free and RoHS compliant
• Qualified according to automotive requirements

APPLICATIONS
• High-end automotive entertainment systems featuring digital audio (DAB) or video services (DMB, DAB-IP)
• Dynamic navigation systems requiring TMC or TPEG data
• Information terminals for mobile data services




Similar Part No. - MT1503EDC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1500A MARKTECH-MT1500A Datasheet
31Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Microtune,Inc
MT1501 MICROTUNE-MT1501 Datasheet
155Kb / 2P
EDC DAB TUNER MODULE
MT1502EDC MICROTUNE-MT1502EDC Datasheet
222Kb / 2P
DAB/DMB TUNER
logo
Yangzhou yangjie electr...
MT1504A YANGJIE-MT1504A Datasheet
125Kb / 2P
Bridge Rectifier
More results


Similar Description - MT1503EDC

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1119 MICROTUNE-MT1119 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1120 MICROTUNE-MT1120 Datasheet
69Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2064 MICROTUNE-MT2064 Datasheet
75Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 MICROTUNE-MT2131 Datasheet
71Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com