Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128P Datasheet (PDF) - SPANSION

S25FL128P Datasheet PDF - SPANSION
Part # S25FL128P
Download  S25FL128P Download
File Size   2035.26 Kbytes
Page   48 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus

S25FL128P Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL128P Datasheet PDF - SPANSION

Part # S25FL128P
Download  S25FL128P Click to download

File Size   2035.26 Kbytes
Page   48 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus

S25FL128P Datasheet (HTML) - SPANSION


S25FL128P Product details

General Description

The S25FL128P is a 3.0 Volt (2.7V to 3.6V), single-power-supply Flash memory device. The device consists of 64 sectors of 256 KB memory, or 256 sectors of 64 KB memory.

The device accepts data written to SI (Serial Input) and outputs data on SO (Serial Output). The devices are designed to be programmed in-system with the standard system 3.0 volt VCC supply.

The memory can be programmed 1 to 256 bytes at a time, using the Page Program command. The device supports Sector Erase and Bulk Erase commands.



Distinctive Characteristics

Architectural Advantages

 Single power supply operation

   – Full voltage range: 2.7V to 3.6V read and program operations

 Memory Architecture

   – 128Mb uniform 256 KB sector product

   – 128Mb uniform 64 KB sector product

 Program

   – Page Program (up to 256 bytes) in 1.5 ms (typical)

   – Faster program time in Accelerated Programming mode(8.5 V–9.5 V on #WP/ACC) in 1.2 ms (typical)

 Erase

   – 2 s typical 256 KB sector erase time

   – 0.5 s typical 64 KB sector erase time

   – 128 s typical bulk erase time

   – Sector erase (SE) command (D8h) for 256 KB sectors; (20h or D8h) for 64KB sectors

   – Bulk erase command (C7h) for 256 KB sectors; (60h or C7h) for 64KB sectors

 Cycling Endurance

   – 100,000 cycles per sector typical

 Data Retention

   – 20 years typical

 Device ID

   – RDID (9Fh), READ_ID (90h) and RES (ABh) commands to read manufacturer and device ID information

   – RES command one-byte electronic signature for backward compatibility

 Process Technology

   – Manufactured on 0.09 µm MirrorBit® process technology

 Package Option

   – Industry Standard Pinouts

   – 16-pin SO package (300 mils)

   – 8-Contact WSON Package (6 x 8 mm)



Performance Characteristics

 Speed

   – 104 MHz clock rate (maximum)

 Power Saving Standby Mode

   – Deep Power Down Mode 3 µA (typical)

   – Standby Mode 200 µA (max)



Memory Protection Features

 Memory Protection

   – WP#/ACC pin works in conjunction with Status Register Bits to protect specified memory areas

   – 256 KB uniform sector product:

     Status Register Block Protection bits (BP2, BP1, BP0) in status

     register configure parts of memory as read-only.

   – 64KB uniform sector product:

     Status Register Block Protection bits (BP3, BP2, BP1, BP0) in

     status register configure parts of memory as read-only



Software Features

– SPI Bus Compatible Serial Interface



Hardware Features

 x8 Parallel Programming Mode (for 16-pin SO package only)



 




Similar Part No. - S25FL128P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
128-Mbit, 3.0 V Flash Memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
More results


Similar Description - S25FL128P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com