Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128K Datasheet (PDF) - SPANSION

S25FL128K Datasheet PDF - SPANSION
Part # S25FL128K
Download  S25FL128K Download
File Size   2777.76 Kbytes
Page   59 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus

S25FL128K Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL128K Datasheet PDF - SPANSION

Part # S25FL128K
Download  S25FL128K Click to download

File Size   2777.76 Kbytes
Page   59 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus

S25FL128K Datasheet (HTML) - SPANSION


S25FL128K Product details

Architectural Advantages

 Single power supply operation

    – Full voltage range: 2.7 to 3.6V read and write operations

 Memory architecture

    – Uniform 4 kB sectors

    – 256-byte page size

 Program

    – Page Program (up to 256 bytes) in 0.7 ms (typical)

    – Program operations are on a page by page basis

    – Quad Page Programming

 Erase

    – Bulk erase function

    – Uniform sector erase (4 kB)

    – Uniform block erase (32 kB and 64 kB)

    – Erase/Program Suspend and Resume

 Cycling endurance

    – 100,000 erase/program cycles typical

 Data retention

    – 20-year data retention typical

 Process technology

    – Manufactured on 0.09 µm process technology

 Package option

    – Industry Standard Pinouts

    – 16-pin SO package (300 mils)



Performance Characteristics

 Speed

    – Normal READ (Serial): 33 MHz clock rate

    – FAST_READ (Serial): 104 MHz clock rate (maximum)

    – 104/70 MHz DUAL Output/Quad SPI clocks

    – 208/280 MHz equivalent Dual/Quad SPI

    – 35 MB/s continuous data transfer rate

 Low Power Consumption

    – 4 mA active current, 1.5 µA in Deep Power-down mode (typical)

    – Industrial temperature range (–40°C to +85°C)

 Efficient “Continuous Read Mode”

    – Low Instruction overhead

    – Continuous Read with 8/16/32/64-Byte Wrap

    – As few as 8 clocks to address memory

    – Allows true XIP (execute in place) operation

Memory Protection Features

 Advanced security features

    – Software and Hardware Write-Protect

    – Top/Bottom, 4 kB complement array protection

    – Power Supply Lock-Down and OTP protection

    – 64-Bit Unique ID for each device

    – Discoverable Parameters (SFDP) Registers

    – 3x 256-Byte Security Registers with OTP locks

    – Volatile & Non-volatile Status Register Bits




Similar Part No. - S25FL128K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL128L CYPRESS-S25FL128L Datasheet
1Mb / 158P
256Mbit (32Mbyte)/128Mbit (16Mbyte),3.0 V FL-L Flash Memory
logo
Infineon Technologies A...
S25FL128L INFINEON-S25FL128L Datasheet
1Mb / 157P
256 Mbit (32 Mbyte)/128 Mbit (16 Mbyte), 3.0 V FL-L Flash Memory
Revised May 15, 2017
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
128-Mbit, 3.0 V Flash Memory
logo
SPANSION
S25FL128P0XMFI001 SPANSION-S25FL128P0XMFI001 Datasheet
1Mb / 48P
128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
More results


Similar Description - S25FL128K

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com