Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1029709 Datasheet (PDF) - PHOENIX CONTACT

1029709 Datasheet PDF - PHOENIX CONTACT
Part # 1029709
Download  1029709 Download
File Size   280.73 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP 111 - Test plug

1029709 Datasheet (PDF)

Go To PDF Page Download Datasheet
1029709 Datasheet PDF - PHOENIX CONTACT

Part # 1029709
Download  1029709 Click to download

File Size   280.73 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP 111 - Test plug

1029709 Datasheet (HTML) - PHOENIX CONTACT


1029709 Product details

Test plug, nom. voltage: 400 V, nominal current: 24 A, connection method: Screw connection,
Rated cross section: 2.5 mm2, color: gray




Similar Part No. - 1029709

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1029706 PHOENIX-1029706 Datasheet
289Kb / 8P
FTP 91 - Test plug
1029708 PHOENIX-1029708 Datasheet
289Kb / 8P
FTP 101 - Test plug
More results


Similar Description - 1029709

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3033820 PHOENIX-3033820 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 1/6/11/16-8
3033822 PHOENIX-3033822 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 1/6/11/14-8
1727829 PHOENIX-1727829 Datasheet
157Kb / 5P
MK3DS 1/11-3,81
1760129 PHOENIX-1760129 Datasheet
110Kb / 5P
MSTB 2,5/11-ST-5,08 BD:1-11
1833263 PHOENIX-1833263 Datasheet
96Kb / 3P
MSTB 2,5/11-ST BD:1-11
3042997 PHOENIX-3042997 Datasheet
166Kb / 9P
Plug - SP 4/11
3060212 PHOENIX-3060212 Datasheet
85Kb / 9P
Plug - UP 4/11
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com