Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1029708 Datasheet (PDF) - PHOENIX CONTACT

1029708 Datasheet PDF - PHOENIX CONTACT
Part # 1029708
Download  1029708 Download
File Size   289.77 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP 101 - Test plug

1029708 Datasheet (PDF)

Go To PDF Page Download Datasheet
1029708 Datasheet PDF - PHOENIX CONTACT

Part # 1029708
Download  1029708 Click to download

File Size   289.77 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP 101 - Test plug

1029708 Datasheet (HTML) - PHOENIX CONTACT


1029708 Product details

Test plug, nom. voltage: 400 V, nominal current: 24 A, connection method: Screw connection,
Rated cross section: 2.5 mm2, color: gray




Similar Part No. - 1029708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1029706 PHOENIX-1029706 Datasheet
289Kb / 8P
FTP 91 - Test plug
1029709 PHOENIX-1029709 Datasheet
280Kb / 7P
FTP 111 - Test plug
More results


Similar Description - 1029708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442810004 MOLEX6-0442810004 Datasheet
131Kb / 3P
4.20mm (.165") Pitch Mini-Fit짰 Test Plug, Dual Row, 10 Circuits
0442810004 MOLEX1-0442810004_18 Datasheet
30Kb / 2P
Mini-Fit Jr. Test Plug, Dual Row, 10 Circuits
logo
Schneider Electric
RXG11B7 SCHNEIDER-RXG11B7 Datasheet
271Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 24 V AC
Aug 9, 2021
RXG11BD SCHNEIDER-RXG11BD Datasheet
279Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 24 V DC
Aug 9, 2021
RXG11F7 SCHNEIDER-RXG11F7 Datasheet
271Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 120 V AC
Aug 9, 2021
RXG11JD SCHNEIDER-RXG11JD Datasheet
279Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 110 V DC
Aug 9, 2021
RXG11P7 SCHNEIDER-RXG11P7 Datasheet
271Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 230 V AC
Aug 9, 2021
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com