Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1029708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1029708
Description  FTP 101 - Test plug
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1029708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1029708 Datasheet HTML 1Page - PHOENIX CONTACT 1029708 Datasheet HTML 2Page - PHOENIX CONTACT 1029708 Datasheet HTML 3Page - PHOENIX CONTACT 1029708 Datasheet HTML 4Page - PHOENIX CONTACT 1029708 Datasheet HTML 5Page - PHOENIX CONTACT 1029708 Datasheet HTML 6Page - PHOENIX CONTACT 1029708 Datasheet HTML 7Page - PHOENIX CONTACT 1029708 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Test plug, nom. voltage: 400 V, nominal current: 24 A, connection method: Screw connection,
Rated cross section: 2.5 mm2, color: gray
Your advantages
The integrated, robust switch contact is designed for the most stringent demands, and the use of high-quality materials ensures the transmission
of signal currents, even after multiple actuations
•
The robust test plug guarantees user-friendly handling and provides fixing options for the test cables to be connected<br/>
•
The test blocks can be used universally for voltage transducers and current transformers
•
Commercial data
Item number
1029708
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BE6111
Catalog page
Page 615 (C-1-2019)
GTIN
4055626532134
Weight per piece (including packing)
587.5 g
Weight per piece (excluding packing)
587.5 g
Country of origin
PL
FTP 10+1 - Test plug
1029708
https://www.phoenixcontact.com/us/products/1029708
Feb 6, 2025, 12:49 AM
Page 1 (8)


Similar Part No. - 1029708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1029706 PHOENIX-1029706 Datasheet
289Kb / 8P
FTP 91 - Test plug
1029709 PHOENIX-1029709 Datasheet
280Kb / 7P
FTP 111 - Test plug
More results

Similar Description - 1029708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442810004 MOLEX6-0442810004 Datasheet
131Kb / 3P
4.20mm (.165") Pitch Mini-Fit짰 Test Plug, Dual Row, 10 Circuits
0442810004 MOLEX1-0442810004_18 Datasheet
30Kb / 2P
Mini-Fit Jr. Test Plug, Dual Row, 10 Circuits
logo
Schneider Electric
RXG11B7 SCHNEIDER-RXG11B7 Datasheet
271Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 24 V AC
Aug 9, 2021
RXG11BD SCHNEIDER-RXG11BD Datasheet
279Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 24 V DC
Aug 9, 2021
RXG11F7 SCHNEIDER-RXG11F7 Datasheet
271Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 120 V AC
Aug 9, 2021
RXG11JD SCHNEIDER-RXG11JD Datasheet
279Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 110 V DC
Aug 9, 2021
RXG11P7 SCHNEIDER-RXG11P7 Datasheet
271Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 230 V AC
Aug 9, 2021
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com