Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1029708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1029708
Description  FTP 101 - Test plug
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1029708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1029708 Datasheet HTML 1Page - PHOENIX CONTACT 1029708 Datasheet HTML 2Page - PHOENIX CONTACT 1029708 Datasheet HTML 3Page - PHOENIX CONTACT 1029708 Datasheet HTML 4Page - PHOENIX CONTACT 1029708 Datasheet HTML 5Page - PHOENIX CONTACT 1029708 Datasheet HTML 6Page - PHOENIX CONTACT 1029708 Datasheet HTML 7Page - PHOENIX CONTACT 1029708 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Test plug terminal block
Number of positions
11
Pitch
8.2 mm
Number of rows
1
Potentials
11
Insulation characteristics
Overvoltage category
III
Electrical properties
Maximum load current
24 A
Rated surge voltage
4 kV
Maximum power dissipation for nominal condition
1.31 W
Test surge voltage
5 kV
Connection data
Nominal cross section
6 mm²
Maximum load current
24 A
Test socket torque
0.5
Note
The conductor cross section depends on the cable lug used
Conductor cross section flexible
0.5 mm² ... 2.5 mm²
Conductor cross section, flexible [AWG]
20 ... 14 (converted acc. to IEC)
Nominal current
24 A
Maximum load current
24 A
Nominal voltage
400 V
Nominal cross section
2.5 mm²
Dimensions
Pin diameter
5.7 mm
Pitch
8.2 mm
Material specifications
Color
gray (RAL 7042)
Flammability rating according to UL 94
V0
Insulating material group
I
Insulating material
PA
Mechanical properties
Mechanical data
Open side panel
No
FTP 10+1 - Test plug
1029708
https://www.phoenixcontact.com/us/products/1029708
Feb 6, 2025, 12:49 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com