Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-3000 Datasheet (PDF) - SOVICO corp.

EX-3000 Datasheet PDF - SOVICO corp.
Part # EX-3000
Download  EX-3000 Download
File Size   2137.31 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Multi Purpose Power Amp

EX-3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
EX-3000 Datasheet PDF - SOVICO corp.

Part # EX-3000
Download  EX-3000 Click to download

File Size   2137.31 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Multi Purpose Power Amp

EX-3000 Datasheet (HTML) - SOVICO corp.


EX-3000 Product details

■ Key features
- 1500W per channel @ 2 ohms
- 1000W per channel @ 4 ohms
- 650W per channel @ 8 ohms
- 2 step H Class 앰프 적용으로 높은 내구성 제공
- Damping Factor ≥ 400 와 낮은 THD(0.03% 이하)
- 채널별 High Pass Filter 내장 (30 Hz 또는 50 Hz)
- Protection 회로 구현 (Power ON/OFF muting, Full short circuit, Thermal, RF protection)
- FAN의 동작 유무를 확인할 수 있는 Fan Fault Detection 회로 내장
- Neutrik® 컨넥터 채용
- 2U 사이즈 슬림 디자인

■ Applications
- 중소형 Music, Speech용 장소
- 고정 설치형 다목적 공간
- 중소형 프로사운드 공연장소
- 강연장, 소규모 홀, 회의실, 중소형 체육관 등




Similar Part No. - EX-3000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-30 PANASONIC-EX-30 Datasheet
1Mb / 6P
Panasonic Electric Works of America
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
Threaded Miniature Photoelectric Sensor
More results


Similar Description - EX-3000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
Multi-purpose high-gain power amplifier
1998 May 27
logo
Sanyo Semicon Device
2SA1683 SANYO-2SA1683 Datasheet
115Kb / 4P
High-Frequency General-Purpose Amp, High-Frequency Power Amp Applications?
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
logo
Rhombus Industries Inc.
T-51100 RHOMBUS-IND-T-51100 Datasheet
30Kb / 1P
Multi Purpose Transformers
T-927 RHOMBUS-IND-T-927 Datasheet
40Kb / 1P
MULTI -PURPOSE TRANSFORMER
6/23/97
T-1224 RHOMBUS-IND-T-1224 Datasheet
18Kb / 1P
Multi-Purpose Transformer
04/20/99
logo
American Zettler, Inc.
AZKUP AZETTLER-AZKUP Datasheet
255Kb / 4P
13 AMP GENERAL PURPOSE POWER RELAY
logo
Delta Electronics, Inc.
20DVGG5 DELTA-20DVGG5 Datasheet
384Kb / 2P
MULTI-PURPOSE POWER LINE FILTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com