Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-3000 Datasheet(PDF) 2 Page - SOVICO corp.

Part # EX-3000
Description  Multi Purpose Power Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

EX-3000 Datasheet(HTML) 2 Page - SOVICO corp.

  EX-3000 Datasheet HTML 1Page - SOVICO corp. EX-3000 Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EX SERIES
■
Specifications
MODEL
EX-800
EX-1400
EX-1800
EX-2400
EX-3000
Output power (AC 220v / 60Hz. ±10%, All channels driven output power, THD=0.1%)
8Ω Stereo*
200W x 2
280W x 2
360W x 2
500W x 2
650W x 2
4Ω Stereo*
300W x 2
450W x 2
600W x 2
750W x 2
1000W x 2
2Ω Stereo**
430W x 2
700W x 2
900W x 2
1200W x 2
1500W x 2
8Ω Bridged*
600W
900W
1200W
1500W
2000W
4Ω Bridged**
800W
1400W
1800W
2400W
3000W
Other specification
Frequency response
20Hz ~ 20kHz, ±1dB
THD+N
≤0.03%
S/N rate
≥100dB
Damping factor
≥400
Output circuitry
AB CLASS
H CLASS
Protection
Power ON/OFF muting, Full short circuit, Thermal protection, RF protection
Fan cooling
LOW SPEED - VARIABLE - HI SPEED
Operating power
AC 220V 60Hz
Power consumption (1/8 power)
600W
700W
800W
900W
1000W
Dimension / Weight
Product dimensions(mm)
482 x 88 x 369
Weight
14kg
14.4kg
15kg
15.6kg
19.5kg
※ 본 제품의 디자인 및 규격은 제품의 품질 향상을 위해 공지없이 변경될 수 있습니다.
■
EX-3000 Rear panel
Remark : 1. *,The power is tested under the condition of 0.1% THD
2. **,The power is tested under the condition of 0.5% THD
3. Other specifications measured according to SAC standard.
www.sac-audio.com
Copyright © 2014 SAC AUDIO All rights reserved
T. 02-2106-2865
F. 02-2106-2838
Feb. 2017.
· 본사/공장. 11517 경기도 양주시 백석읍 권율로1203번길 39-33
· 영업/AS. 06703 서울특별시 서초구 남부순환로 2271-5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com