Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT800 Datasheet (PDF) - Solid State Inc

SDT800 Datasheet PDF - Solid State Inc
Part # SDT800
Download  SDT800 Download
File Size   476.8 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low input power consumption

SDT800 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT800 Datasheet PDF - Solid State Inc

Part # SDT800
Download  SDT800 Click to download

File Size   476.8 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low input power consumption

SDT800 Datasheet (HTML) - Solid State Inc


SDT800 Product details

Features
 VCEO = 60V
 Small 8 pin DIP/SMD package
 Low input power consumption
 High stability
 CTR Range 50 – 600%
 High Isolation Voltage (5000VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Registers, Copiers, Automatic Vending Machines
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecommunication Equipment, Telephones
 Home Appliances
 Digital Logic Inputs
 Microprocessor Inputs
 Switching Power Supplies




Similar Part No. - SDT800

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT800 SSOUSA-SDT800 Datasheet
536Kb / 4P
DC Input Dual Optocoupler
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
Dual Channel Optocoupler
logo
Solid State Inc
SDT800-F8 SOLIDSTATE-SDT800-F8 Datasheet
237Kb / 8P
VCEO = 80V
Rev 2.00
More results


Similar Description - SDT800

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDD600 SSOUSA-SDD600_15 Datasheet
603Kb / 10P
Low input power consumption
logo
List of Unclassifed Man...
LPC12A99-__L ETC2-LPC12A99-__L Datasheet
412Kb / 1P
low power consumption, global input voltage
LPC12B99-__L ETC2-LPC12B99-__L Datasheet
385Kb / 1P
low power consumption, global input voltage
LPC15P12-__L ETC2-LPC15P12-__L Datasheet
397Kb / 1P
low power consumption, global input voltage
LPC80B99-__L ETC2-LPC80B99-__L Datasheet
410Kb / 1P
low power consumption, global input voltage
LPC92B99-__L ETC2-LPC92B99-__L Datasheet
388Kb / 1P
low power consumption, global input voltage
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com