Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT800 Datasheet(PDF) 4 Page - Solid State Inc

Part # SDT800
Description  Low input power consumption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDT800 Datasheet(HTML) 4 Page - Solid State Inc

  SDT800 Datasheet HTML 1Page - Solid State Inc SDT800 Datasheet HTML 2Page - Solid State Inc SDT800 Datasheet HTML 3Page - Solid State Inc SDT800 Datasheet HTML 4Page - Solid State Inc SDT800 Datasheet HTML 5Page - Solid State Inc SDT800 Datasheet HTML 6Page - Solid State Inc SDT800 Datasheet HTML 7Page - Solid State Inc SDT800 Datasheet HTML 8Page - Solid State Inc SDT800 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 10
SDT800/H/S/TR
Rev 2.00 (09/11/2012)
001524
SDT800
DC Input
60V
Dual Photo-Transistor Optocoupler
Figure 7: Relative CTR (%) vs. Temperature (°C)
SDT800 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
Figure 8: Collector-Emitter Saturation Voltage (V
CE(SAT)) vs.
Temperature (°C)
Figure 10: Response Times vs. Load Resistance (R
L)
Figure 9: Collector Dark Current (ICEO) vs. Temperature (°C)
Figure 11: Frequency Response Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com