Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG8020 Datasheet (PDF) - Solid State Inc

SG8020 Datasheet PDF - Solid State Inc
Part # SG8020
Download  SG8020 Download
File Size   1222.74 Kbytes
Page   15 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Common Mode Rejection: 25kV/μS

SG8020 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG8020 Datasheet PDF - Solid State Inc

Part # SG8020
Download  SG8020 Click to download

File Size   1222.74 Kbytes
Page   15 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Common Mode Rejection: 25kV/μS

SG8020 Datasheet (HTML) - Solid State Inc


SG8020 Product details

Applications
• IGBT / MOSFET Gate Drives
• AC & Brushless DC Motor Drives
• Industrial Inverters
• Uninterruptable Power Supplies (UPS)
• Switch Mode Power Supplies

Features
• High Common Mode Rejection: 25kV/μS
minimum @ VCM = 1500V
• 2.5A Maximum Peak Output Current
• Fast Switching Speeds
o 400nS Maximum Propagation Delay
o 250nS Maximum Propagation Delay Difference
• ICC=3.8mA Maximum Supply Current
• Wide Supply Voltage Range (15V to 30V)
• Under Voltage Lockout Protection (UVLO) with Hysteresis
• Broad Temperature Performance Range
(-40°C to 100°C)
• Low Power Dissipation (RON ≤ 1Ω)
• Rail-to-Rail Output Voltage
• High Input to Output Isolation (5kVRMS)
• RoHS / Pb-Free / REACH Compliant




Similar Part No. - SG8020

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SG8020 SSOUSA-SG8020 Datasheet
1Mb / 15P
IGBT Gate Drive Optocouple
More results


Similar Description - SG8020

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC9D17 SHARP-PC9D17 Datasheet
65Kb / 5P
High Speed, High Common Mode Rejection, 2-channel OPIC Photocoupler
logo
Analog Devices
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
High Common-Mode Rejection Differential Line Receiver
REV.B
SSM2141SZ AD-SSM2141SZ Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV. C
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV.C
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
Excellent common-mode rejection ratio (CMRR)
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650 TI1-INA1650_18 Datasheet
2Mb / 38P
SoundPlus High Common-Mode Rejection Line Receivers
INA1650-Q1_1904 TI1-INA1650-Q1_1904 Datasheet
2Mb / 41P
SoundPlus High Common-Mode Rejection Line Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com