Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.16 Datasheet (PDF) - ELMOS Semiconductor AG

E910.16 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.16
Download  E910.16 Download
File Size   118.94 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Fan control

E910.16 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.16 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.16
Download  E910.16 Click to download

File Size   118.94 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Fan control

E910.16 Datasheet (HTML) - ELMOS Semiconductor AG


E910.16 Product details

DESCRIPTION
The IC controls the voltage across a DC fan motor as a function of the voltage applied to the control input “SOLL”. The IC delivers the gate voltage for one or two (parallel) external power-FETs, which linearly drive the load current of the motor. The drain currents of the two external power-FETs are matched by measuring the voltages across each individual shunt resistor.

FEATURES
► Supply voltage range VS 7.2V to 17.5V
► Overvoltage shut down
► Low standby current (power down mode)
► Limitation of power dissipation by voltage dependent current limitation
► Externally adjustable minimum current
► Externally adjustable over temperature protection featuring load current reduction
► Control of current distribution in 2 parallel power-FETs
► Turn on the power-FETs during load-dump
► – 40°C to + 125°C operating temperature
► SO16w package

APPLICATION
► Fan regulation




Similar Part No. - E910.16

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
LIN- / K-Bus transceiver
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
More results


Similar Description - E910.16

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
Fan Remote Control
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
REMOTE FAN CONTROL IC
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
REMOTE FAN CONTROL IC
logo
List of Unclassifed Man...
2800-SCS-8 ETC2-2800-SCS-8 Datasheet
64Kb / 1P
Fan Control Annunciator Module
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
FAN REMOTE CONTROL ENCODER
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
Fan Speed Control IC
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
FAN REMOTE CONTROL ENCODER
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com