Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.15 Datasheet (PDF) - ELMOS Semiconductor AG

E910.15 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.15
Download  E910.15 Download
File Size   105.21 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN- / K-Bus transceiver

E910.15 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.15 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.15
Download  E910.15 Click to download

File Size   105.21 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN- / K-Bus transceiver

E910.15 Datasheet (HTML) - ELMOS Semiconductor AG


E910.15 Product details

DESCRIPTION

The IC is designed to control bidirectional serial data transmission on bus lines. It supports both LIN- and K-Bus which are selected by the MODE pin. This feature allows an easy migration from K- to LIN-bus without changing the transceiver. The high voltage range and the low standby current as well as the wide temperature range make the IC interesting for a wide field of applications.



FEATURES

Supply voltage range VS 6V to 18V

Logic supply voltage range VDD 4.5V to 5.5V

Data rate up to 20kBaud for LIN-mode

Data rate up to 9.600Baud for K-mode

Change between LIN-mode and K-mode with external pin

Internal monitoring features

Output driver with slewrate control (EMI)

Very low standby current (15µA typical)

Bus input voltage excursion from

– 24V to + 30V (independent of VS)

Over temperature protection

Applicable as diagnostic interface to ISO 9141 and OBD II

Load-dump and jump-start protected

– 40°C to + 125°C operating temperature

SO8n and SO14n package



APPLICATION

Automotive bus systems

Body electronics

Comfort electronics




Similar Part No. - E910.15

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.16 ELMOS-E910.16 Datasheet
118Kb / 1P
Fan control
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
More results


Similar Description - E910.15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9638 STMICROELECTRONICS-L9638 Datasheet
271Kb / 14P
LIN BUS TRANSCEIVER
Rev. 4
logo
List of Unclassifed Man...
TH8082 ETC-TH8082 Datasheet
175Kb / 14P
Single LIN Bus Transceiver
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
lin bus transceiver with integrated voltage regulator
E910.05 ELMOS-E910.05 Datasheet
141Kb / 1P
K-Bus transceiver
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com