Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.05 Datasheet (PDF) - ELMOS Semiconductor AG

E910.05 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.05
Download  E910.05 Download
File Size   141.94 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description K-Bus transceiver

E910.05 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.05 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.05
Download  E910.05 Click to download

File Size   141.94 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description K-Bus transceiver

E910.05 Datasheet (HTML) - ELMOS Semiconductor AG


E910.05 Product details

DESCRIPTION

The IC is designed for communication via bidirectional serial data channels. In addition to the level conversion of transmit and receive signals from the micro processor’s voltage level to the 12V bus level, the device includes plausibility checks in order to guarantee undisturbed bus communication in case of corrupted data from the micro controller.



FEATURES

 Supply voltage range VS 6.9V to 19V

 Supply voltage range VDD 4.5V to 5.5V

 Data rate up to 9.600 Baud

 Bus-line input voltage range from – 24V to + 30V (+40V for t < 0.5s)

 Internal monitoring of prohibited conditions

 Output slewrate control to reduce EMI

 Very low standby current (30µA typical)

 Useable as diagnostic interface to ISO 9141

 – 40°C to + 125°C operating temperature

 SO14n package



 APPLICATION

 Automotive low speed bus systems



 




Similar Part No. - E910.05

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
E910.01 ELMOS-E910.01_11 Datasheet
668Kb / 17P
Low side dri ver (8 channel , serial inter face )
E910.02 ELMOS-E910.02 Datasheet
122Kb / 1P
Analog multiplexer 8:1
More results


Similar Description - E910.05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
logo
Intel Corporation
M8287 INTEL-M8287 Datasheet
118Kb / 4P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN74AS620 TI-SN74AS620 Datasheet
477Kb / 10P
OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
ELMOS Semiconductor AG
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
LIN- / K-Bus transceiver
logo
Melexis Microelectronic...
TH3122 MELEXIS-TH3122 Datasheet
251Kb / 14P
K-Bus Transceiver with integrated Voltage Regulator
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
RFbeam Microwave GmbH
K-LC5 RFBEAM-K-LC5 Datasheet
308Kb / 5P
K-LC5 RADAR TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com